Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13487EESA+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX13487EESA+
Description  Half-Duplex RS-485-/RS-422-Compatible Transceiver with AutoDirection Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13487EESA+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX13487EESA+ Datasheet HTML 7Page - Maxim Integrated Products MAX13487EESA+ Datasheet HTML 8Page - Maxim Integrated Products MAX13487EESA+ Datasheet HTML 9Page - Maxim Integrated Products MAX13487EESA+ Datasheet HTML 10Page - Maxim Integrated Products MAX13487EESA+ Datasheet HTML 11Page - Maxim Integrated Products MAX13487EESA+ Datasheet HTML 12Page - Maxim Integrated Products MAX13487EESA+ Datasheet HTML 13Page - Maxim Integrated Products MAX13487EESA+ Datasheet HTML 14Page - Maxim Integrated Products MAX13487EESA+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MAX13487E/MAX13488E
Half-Duplex RS-485-/RS-422-
Compatible Transceiver with
AutoDirection Control
Maxim Integrated | 11
www.maximintegrated.com
Pin Description
PIN
NAME
FUNCTION
1RO
Receiver Output. When receiver is enabled and V(A) - V(B) > +200mV, RO is high. If V(A) - V(B)
< -200mV, RO is low.
2
RE
Receiver Output Enable. Drive
RE low to enable the RO. Drive RE high to let the AutoDirection circuit
control the receiver.
RE is a hot-swap input (see the Hot-Swap Capability section for more details).
3
SHDN
Shutdown. Drive
SHDN high to let the device operate in normal operation. Drive SHDN low to put the part
in shutdown.
4DI
Driver Input. Drive DI low to force noninverting output low and inverting output high. Drive DI high to force
noninverting output high and inverting output low. DI is an input to the internal state machine that
automatically enables and disables the driver. See the Function Tables and General Description for more
information. DI is a hot-swap input (see the Hot-Swap Capability section for more details).
5
GND
Ground
6
A
Noninverting Receiver Input and Noninverting Driver Output
7
B
Inverting Receiver Input and Inverting Driver Output
8VCC
Positive Supply, VCC = +5V ±5%. Bypass VCC to GND with a 0.1µF capacitor.
TRANSMITTING
INPUTS
OUTPUTS
SHDN
DI
A-B > VDT
ACTION
A
B
1
0
X
Turn driver ON
0
1
1
1
False
If driver was OFF, keep it OFF
HIGH IMPEDANCE
HIGH IMPEDANCE
1
1
False
If driver was ON, keep it ON
1
0
1
1
True
Turn driver OFF
HIGH IMPEDANCE
HIGH IMPEDANCE
0
X
X
X
SHUTDOWN
RECEIVING
INPUTS
OUTPUT
SHDN
RE
A-B
DRIVER STATE
RECEIVER STATE
RO
10
≥+200mV
X
ON
1
10
≤-200mV
X
ON
0
1
1
X
ON
OFF
HIGH IMPEDANCE
11
≥+200mV
OFF
ON
1
11
≤-200mV
OFF
ON
0
0
X
X
X
X
SHUTDOWN
Function Tables
X = Don’t care, shutdown mode, driver, and receiver outputs are in high impedance.


Similar Part No. - MAX13487EESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13487EESA++ MAXIM-MAX13487EESA+ Datasheet
453Kb / 17P
   Half-Duplex RS-485-/RS-422-Compatible Transceiver with AutoDirection Control
Rev 0; 1/07
More results

Similar Description - MAX13487EESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13487E MAXIM-MAX13487E Datasheet
453Kb / 17P
   Half-Duplex RS-485-/RS-422-Compatible Transceiver with AutoDirection Control
Rev 0; 1/07
MAX13487E MAXIM-MAX13487E_V01 Datasheet
250Kb / 17P
   Half-Duplex RS-485-/RS-422- Compatible Transceiver with AutoDirection Control
Rev 1; 2/2015
logo
Analog Devices
MAX22025 AD-MAX22025 Datasheet
754Kb / 23P
   Compact, Isolated, Half-Duplex RS-485/RS-422 Transceivers with AutoDirection Control
Rev 8; 3/22
logo
Maxim Integrated Produc...
MAX22025 MAXIM-MAX22025 Datasheet
819Kb / 16P
   Compact, Isolated, Half-Duplex RS-485/RS-422 Transceivers with AutoDirection Control
Rev 2; 11/19
logo
Analog Devices
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM485E AD-ADM485E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
MAX22506E AD-MAX22506E Datasheet
484Kb / 20P
   50Mbps Half-Duplex RS-485/RS-422 Transceiver with High EFT Immunity
Rev 2; 2/22
logo
Maxim Integrated Produc...
MAX22506E MAXIM-MAX22506E Datasheet
421Kb / 19P
   50Mbps Half-Duplex RS-485/RS-422 Transceiver with High EFT Immunity
2021
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com