Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14591 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14591
Description  High-Speed, Open-Drain Capable Logic-Level Translator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14591 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14591_14 Datasheet HTML 1Page - Maxim Integrated Products MAX14591_14 Datasheet HTML 2Page - Maxim Integrated Products MAX14591_14 Datasheet HTML 3Page - Maxim Integrated Products MAX14591_14 Datasheet HTML 4Page - Maxim Integrated Products MAX14591_14 Datasheet HTML 5Page - Maxim Integrated Products MAX14591_14 Datasheet HTML 6Page - Maxim Integrated Products MAX14591_14 Datasheet HTML 7Page - Maxim Integrated Products MAX14591_14 Datasheet HTML 8Page - Maxim Integrated Products MAX14591_14 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MAX14591
High-Speed, Open-Drain Capable
Logic-Level Translator
Typical Operating Circuit
19-6173; Rev 1; 12/14
Ordering Information appears at end of data sheet.
*Requires external pullups.
EVALUATION KIT AVAILABLE
General Description
The MAX14591 is a dual-channel, bidirectional logic-
level translator with the level shifting necessary to allow
data transfer in a multivoltage system. Externally applied
voltages, VCC and VL, set the logic levels on either side
of the device. A logic signal present on the VL side of the
device appears as the same logic signal on the VCC side
of the device, and vice-versa.
The device is optimized for the I2C bus as well as the
management data input/output (MDIO) bus where often
high-speed, open-drain operation is required. When TS
is high, the device allows the pullup to be connected to
the I/O port that has the power. This allows continuous
I2C operation on the powered side without any disruption
while the level translation function is off.
The part is specified over the extended -40NC to +85NC
temperature range, and is available in 8-bump WLP and
8-pin TDFN packages.
Applications
Devices with I2C Communication
Devices with MDIO Communication
General Logic-Level Translation
Benefits and Features
S
Meets Industry Standards
I2C Requirements for Standard, Fast, and
High* Speeds
MDIO Open Drain Above 4MHz*
S
Allows Greater Design Flexibility
Down to 0.9V Operation on VL Side
Supports Above 8MHz Push-Pull Operation
S
Offers Low Power Consumption
23µA (typ) VCC Supply Current
0.5µA (typ) VL Supply Current
S
Provides High Level of Integration
Pullup Resistor Enabled with One Side
Power Supply when TS Is High
12kI (max) Internal Pullup
Low Transmission Gate RON: 17I (max)
S
Saves Space
8-Bump, 0.4mm pitch, 0.8mm x 1.6mm WLP
Package
8-Pin, 2mm x 2mm TDFN Package
VL = +1.2V
VL
*
VL
*
VCC
*
VCC
*
VCC = +3.0V
* PULLUPS ARE OPTIONAL FOR HIGH-SPEED, OPEN-DRAIN OPERATION.
0.1µF
+1.2V
SYSTEM
CONTROLLER
+3V
SYSTEM
GND
GND
GND
EN
TS
VL
VCC
IOVL1
SDA
SLK
IOVL2
IOVCC2
IOVCC1
SDA
SLK
1µF
MAX14591
For pricing, delivery, and ordering information, please contact Maxim Direct at
1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.


Similar Part No. - MAX14591_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14591ETA+T MAXIM-MAX14591ETA+T Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
MAX14591EWA+T MAXIM-MAX14591EWA+T Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
More results

Similar Description - MAX14591_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14591 MAXIM-MAX14591 Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
logo
Texas Instruments
TXS0101 TI-TXS0101 Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
logo
Renesas Technology Corp
ISL3034E RENESAS-ISL3034E Datasheet
893Kb / 16P
   6-Channel High Speed, Auto-Direction Sensing Logic Level Translator
Nov 7, 2019
logo
IXYS Corporation
CPC5002 IXYS-CPC5002 Datasheet
1Mb / 14P
   Dual High-Speed Open-Drain
logo
Texas Instruments
TXS0102 TI-TXS0102 Datasheet
261Kb / 13P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0104E TI-TXS0104E Datasheet
729Kb / 21P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
Nexperia B.V. All right...
LSF0204-Q100 NEXPERIA-LSF0204-Q100 Datasheet
240Kb / 14P
   4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 2 May 2022
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
logo
Nexperia B.V. All right...
NCA9306 NEXPERIA-NCA9306 Datasheet
234Kb / 14P
   2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 26 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com