Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13433EETD+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX13433EETD+
Description  RS-485 Transceivers with Low-Voltage Logic Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13433EETD+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX13433EETD+ Datasheet HTML 1Page - Maxim Integrated Products MAX13433EETD+ Datasheet HTML 2Page - Maxim Integrated Products MAX13433EETD+ Datasheet HTML 3Page - Maxim Integrated Products MAX13433EETD+ Datasheet HTML 4Page - Maxim Integrated Products MAX13433EETD+ Datasheet HTML 5Page - Maxim Integrated Products MAX13433EETD+ Datasheet HTML 6Page - Maxim Integrated Products MAX13433EETD+ Datasheet HTML 7Page - Maxim Integrated Products MAX13433EETD+ Datasheet HTML 8Page - Maxim Integrated Products MAX13433EETD+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AVAILABLE
Functional Diagrams
Pin Configurations appear at end of data sheet.
Functional Diagrams continued at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
General Description
The MAX13430E–MAX13433E are full- and half-duplex
RS-485 transceivers that feature an adjustable low-volt-
age logic interface for operation in multivoltage systems.
This allows direct interfacing to low-voltage ASIC/FPGAs
without extra components. The MAX13430E–MAX13433E
RS-485 transceivers operate with a VCC voltage supply
from +3V to +5V. The low-voltage logic interface operates
with a voltage supply from +1.62V to VCC.
The MAX13430E/MAX13432E feature reduced slew-
rate drivers that minimize EMI and reduce reflections
caused by improperly terminated cables, allowing
error-free data transmission up to 500kbps. The
MAX13431E/MAX13433E driver slew rates are not limit-
ed, enabling data transmission up to 16Mbps. The
MAX13430E/MAX13431E are intended for half-duplex
communications, and the MAX13432E/MAX13433E are
intended for full-duplex communications.
The MAX13430E/MAX13431E are available in 10-pin
µMAX® and 10-pin TDFN packages. The MAX13432E/
MAX13433E are available in 14-pin TDFN and 14-pin
SO packages.
Features
♦ Wide +3V to +5V Input Supply Range
♦ Low-Voltage Logic Interface +1.62V (min)
♦ Ultra-Low Supply Current in Shutdown Mode
10µA ICC (max), 1µA IL (max)
♦ Thermal Shutdown Protection
♦ Hot-Swap Input Structures on DE and RE
♦ 1/8-Unit Load Allows Up to 256 Transceivers on
the Bus
♦ Enhanced Slew-Rate Limiting
(MAX13430E/MAX13432E)
♦ Extended ESD Protection for RS-485 I/O Pins
±30kV Human Body Model
±15kV Air-Gap Discharge per IEC 61000-4-2
±10kV Contact Discharge per IEC 61000-4-2
♦ Extended -40°C to +85°C Operating Temperature
Range
♦ Space-Saving TDFN and µMAX Packages
RS-485 Transceivers with Low-Voltage
Logic Interface
Ordering Information/Selector Guide
PART
PIN-PACKAGE
FULL/HALF
DUPLEX
DATA RATE
(Mbps)
SLEW RATE
LIMITED
TRANSCEIVERS
ON BUS
TOP
MARK
PACKAGE
CODE
MAX13430EETB+
10 TDFN-EP*
(3mm x 3mm)
Half
0.5
Yes
256
AUS
T1033-1
MAX13430EEUB+
10 μMAX
(3mm x 3mm)
Half
0.5
Yes
256
U10-2
MAX13431EETB+
10 TDFN-EP*
(3mm x 3mm)
Half
16
No
256
AUT
T1033-1
MAX13431EEUB+
10 μMAX
(3mm x 3mm)
Half
16
No
256
U10-2
MAX13432EESD+
14 SO
Full
0.5
Yes
256
S14-1
MAX13432EETD+
14 TDFN-EP*
(3mm x 3mm)
Full
0.5
Yes
256
AEG
T1433-2
MAX13433EESD+
14 SO
Full
16
No
256
S14-1
MAX13433EESD/V+
14 SO
Full
16
No
256
S14-1
MAX13433EETD+
14 TDFN-EP*
(3mm x 3mm)
Full
16
No
256
AEH
T1433-2
Typical Application Circuits appears at end of data sheet.
Note: All devices are specified over the extended -40°C to +85°C operating temperature range.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
/V denotes an automotive qualified part.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
Applications
Industrial Control Systems
Portable Industrial
Equipment
Motor Control
HVAC
MAX13430E–MAX13433E
19-4322; Rev 2; 5/10


Similar Part No. - MAX13433EETD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13433EETD++ MAXIM-MAX13433EETD+ Datasheet
202Kb / 19P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 0; 10/08
MAX13433EETD++ MAXIM-MAX13433EETD+ Datasheet
225Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 1; 5/09
MAX13433EETD++ MAXIM-MAX13433EETD+ Datasheet
309Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
More results

Similar Description - MAX13433EETD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13430E MAXIM-MAX13430E Datasheet
202Kb / 19P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 0; 10/08
MAX13430E MAXIM-MAX13430E_10 Datasheet
309Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13430E MAXIM-MAX13430E_09 Datasheet
225Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 1; 5/09
MAX13234E MAXIM-MAX13234E Datasheet
204Kb / 16P
   3Mbps RS-232 Transceivers with Low-Voltage Interface
Rev 0; 10/08
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com