Electronic Components Datasheet Search |
|
MAX14830 Datasheet(PDF) 9 Page - Maxim Integrated Products |
|
MAX14830 Datasheet(HTML) 9 Page - Maxim Integrated Products |
9 / 68 page (VA = +2.35V to +3.6V, VL = +1.71V to +3.6V, VEXT = +1.71V to +3.6V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VA = +2.5V, VL = +1.8V, VEXT = +2.8V, TA = +25°C.) (Notes 2, 3) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS V18 Input Power-Supply Current in Shutdown Mode I18SHDN Shutdown mode, VLDOEN = 0V, VRST = 0V, all inputs and outputs are idle 200 µA V18 Input Power-Supply Current I18 Baud rate = 1Mbps, 20MHz external clock, PLL disabled, all UARTs in loopback mode, VLDOEN = 0V (Note 4) 5 mA SCLK/SCL, MISO/SDA MISO/SDA Output Low Voltage in I2C Mode VOL,I2C ILOAD = -3mA, VL > 2V 0.4 V ILOAD = -3mA, VL < 2V 0.2 x VL MISO/SDA Output Low Voltage in SPI Mode VOL,SPI ILOAD = -2mA 0.4 V MISO/SDA Output High Voltage in SPI Mode VOH,SPI ILOAD = 2mA VL - 0.4 V Input Low Voltage VIL SPI and I2C mode 0.3 x VL V Input High Voltage VIH SPI and I2C mode 0.7 x VL V Input Hysteresis VHYST SPI and I2C mode 0.05 x VL V Input Leakage Current IIL VIN = 0 to VL, SPI and I2C mode -1 +1 µA Input Capacitance CIN SPI and I2C mode 5 pF SPI/I2C, CS/A0, MOSI/A1 INPUTS Input Low Voltage VIL SPI and I2C mode 0.3 x VL V Input High Voltage VIH SPI and I2C mode 0.7 x VL V Input Hysteresis VHYST SPI and I2C mode 50 mV Input Leakage Current IIL VIN = 0 to VL, SPI and I2C mode -1 +1 µA Input Capacitance CIN SPI and I2C mode 5 pF IRQ OUTPUT (OPEN DRAIN) Output Low Voltage VOL ILOAD = -2mA 0.4 V Output Leakage Current ILK VIRQ = 0 to VL, IRQ is not asserted -1 +1 µA LDOEN AND RST INPUTS Input Low Voltage VIL 0.3 x VL V Input High Voltage VIH 0.7 x VL V Input Hysteresis VHYST 50 mV Input Leakage Current IIN VIN = 0 to VL -1 +1 µA UART INTERFACE RTS0, RTS1, RTS2, RTS3, TX0, TX1, TX2, TX3 OUTPUTS Output Low Voltage VOL ILOAD = -2mA 0.4 V Output High Voltage VOH ILOAD = 2mA VEXT - 0.4 V Input Leakage Current IIN Output is three-stated, VRTS_ = 0 to VEXT -1 +1 µA Input Capacitance CIN High-Z mode 5 pF MAX14830 Quad Serial UART with 128-Word FIFOs www.maximintegrated.com Maxim Integrated │ 9 DC Electrical Characteristics (continued) |
Similar Part No. - MAX14830_15 |
|
Similar Description - MAX14830_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |