Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8512-S Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT8512-S
Description  ACT8512 48-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8512-S Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT8512-S Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8512-S Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8512-S Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8512-S Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8512-S Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8512-S Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8512-S Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8512-S Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCD8512 Rev D
GENERAL DESCRIPTION
Aeroflex’s ACT8512 is a radiation tolerant, 48 channel multiplexer MCM (multi-chip module) with
electrostatic discharge (ESD) protection on all channel inputs.
The ACT8512 has been specifically designed to meet exposure to radiation environments. The multiplexer
is available in a 96 lead High Temperature Co-Fired Ceramic (HTCC) Quad Flatpack (CQFP). It is
guaranteed operational from -55°C to +125°C. Available screened in accordance with MIL-PRF-38534,
the ACT8512 is ideal for demanding military and space applications.
ORGANIZATION AND APPLICATION
The ACT8512 consists of six 16 channel multiplexers arranged as shown in the Block Diagram. The
ACT8512 design is inherently radiation tolerant.
The ACT8512 consists of forty-eight (48) channels addressable by bus A0~A3 in three 16 channel blocks,
each block enabled separately. Each block connects the addressed channel to two outputs, "Output" and
"Current". This technique enables selecting and reading a remote resistive sensor without the MUX
resistance being part of the measurement. For grounded sensors, this is done by passing current to the
sensor by means of the "Current" pin and reading the resultant voltage (proportional to the sensor
resistance) at the "Output" pin.
ACT8512 48-Channel Analog Multiplexer Module
Radiation Tolerant & ESD Protected
FEATURES
48 channels provided by six 16-channel multiplexers
Radiation performance
- Total dose:
150 krads(Si), Dose rate = 50 - 300 rads(Si)/s
- SEU:
Immune up to 90 MeV-cm2/mg
- SEL:
Immune by process design
Full military temperature range
Low power consumption < 90mW
One address bus (A0-3) and three enable lines afford flexible organization
All channel inputs protected by ±20V nominal transorbs
Fast access time < 500ns typical
Break-Before-Make switching
High analog input impedance (power on or off)
Designed for aerospace and high reliability space applications
Packaging – Hermetic ceramic
- 96 leads, 1.32"Sq x 0.20"Ht quad flat pack
- Typical Weight 15 grams
DSCC 5962-09203 SMD pending
www.aeroflex.com/mux
Standard Products
November 14, 2008
Note: Aeroflex Plainview does not currently have a DSCC certified Radiation Hardened Assurance Program.


Similar Part No. - ACT8512-S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8510 AEROFLEX-ACT8510 Datasheet
102Kb / 8P
   ACT8510 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511 AEROFLEX-ACT8511 Datasheet
98Kb / 8P
   ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511-201-1S AEROFLEX-ACT8511-201-1S Datasheet
98Kb / 8P
   ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511-7 AEROFLEX-ACT8511-7 Datasheet
98Kb / 8P
   ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511-S AEROFLEX-ACT8511-S Datasheet
98Kb / 8P
   ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
More results

Similar Description - ACT8512-S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8513 AEROFLEX-ACT8513 Datasheet
95Kb / 8P
   ACT8513 48-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
ACT8510 AEROFLEX-ACT8510 Datasheet
102Kb / 8P
   ACT8510 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
MUX8530 AEROFLEX-MUX8530 Datasheet
89Kb / 8P
   MUX8530 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8508 AEROFLEX-ACT8508 Datasheet
279Kb / 8P
   ACT8508 32-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511 AEROFLEX-ACT8511 Datasheet
98Kb / 8P
   ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8503 AEROFLEX-ACT8503 Datasheet
84Kb / 10P
   ACT8503 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module
ACT8502 AEROFLEX-ACT8502 Datasheet
89Kb / 10P
   ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module
ACT8506 AEROFLEX-ACT8506 Datasheet
286Kb / 8P
   ACT8506 48-Channel Analog Multiplexer Module Radiation Tolerant
MUX8520 AEROFLEX-MUX8520 Datasheet
89Kb / 8P
   MUX8520 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
MUX8533 AEROFLEX-MUX8533 Datasheet
92Kb / 8P
   MUX8533 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com