Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA162V-8PI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATMEGA162V-8PI
Description  8-Bit AVR Microcontroller with 16K Bytes In-System ProgrammableFlash
Download  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA162V-8PI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATMEGA162V-8PI Datasheet HTML 4Page - ATMEL Corporation ATMEGA162V-8PI Datasheet HTML 5Page - ATMEL Corporation ATMEGA162V-8PI Datasheet HTML 6Page - ATMEL Corporation ATMEGA162V-8PI Datasheet HTML 7Page - ATMEL Corporation ATMEGA162V-8PI Datasheet HTML 8Page - ATMEL Corporation ATMEGA162V-8PI Datasheet HTML 9Page - ATMEL Corporation ATMEGA162V-8PI Datasheet HTML 10Page - ATMEL Corporation ATMEGA162V-8PI Datasheet HTML 11Page - ATMEL Corporation ATMEGA162V-8PI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 323 page
background image
8
ATmega162/V
2513F–AVR–12/03
Six of the 32 registers can be used as three 16-bit indirect address register pointers for
Data Space addressing – enabling efficient address calculations. One of the these
address pointers can also be used as an address pointer for look up tables in Flash Pro-
gram memory. These added function registers are the 16-bit X-, Y-, and Z-register,
described later in this section.
The ALU supports arithmetic and logic operations between registers or between a con-
stant and a register. Single register operations can also be executed in the ALU. After
an arithmetic operation, the Status Register is updated to reflect information about the
result of the operation.
Program flow is provided by conditional and unconditional jump and call instructions,
able to directly address the whole address space. Most AVR instructions have a single
16-bit word format. Every program memory address contains a 16- or 32-bit instruction.
Program Flash memory space is divided in two sections, the Boot Program section and
the Application Program section. Both sections have dedicated Lock bits for write and
read/write protection. The SPM instruction that writes into the Application Flash memory
section must reside in the Boot Program section.
During interrupts and subroutine calls, the return address Program Counter (PC) is
stored on the Stack. The Stack is effectively allocated in the general data SRAM, and
consequently the Stack size is only limited by the total SRAM size and the usage of the
SRAM. All user programs must initialize the SP in the reset routine (before subroutines
or interrupts are executed). The Stack Pointer SP is read/write accessible in the I/O
space. The data SRAM can easily be accessed through the five different addressing
modes supported in the AVR architecture.
The memory spaces in the AVR architecture are all linear and regular memory maps.
A flexible interrupt module has its control registers in the I/O space with an additional
Global Interrupt Enable bit in the Status Register. All interrupts have a separate Interrupt
Vector in the Interrupt Vector table. The interrupts have priority in accordance with their
Interrupt Vector position. The lower the Interrupt Vector address, the higher the priority.
The I/O memory space contains 64 addresses for CPU peripheral functions as Control
Registers, SPI, and other I/O functions. The I/O memory can be accessed directly, or as
the Data Space locations following those of the Register File, 0x20 - 0x5F.
ALU – Arithmetic Logic
Unit
The high-performance AVR ALU operates in direct connection with all the 32 general
purpose working registers. Within a single clock cycle, arithmetic operations between
general purpose registers or between a register and an immediate are executed. The
ALU operations are divided into three main categories – arithmetic, logical, and bit-func-
tions. Some implementations of the architecture also provide a powerful multiplier
supporting both signed/unsigned multiplication and fractional format. See the “Instruc-
tion Set” section for a detailed description.
Status Register
The Status Register contains information about the result of the most recently executed
arithmetic instruction. This information can be used for altering program flow in order to
perform conditional operations. Note that the Status Register is updated after all ALU
operations, as specified in the Instruction Set Reference. This will in many cases
remove the need for using the dedicated compare instructions, resulting in faster and
more compact code.
The Status Register is not automatically stored when entering an interrupt routine and
restored when returning from an interrupt. This must be handled by software.


Similar Part No. - ATMEGA162V-8PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA162V-8PI ATMEL-ATMEGA162V-8PI Datasheet
231Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V-8PI ATMEL-ATMEGA162V-8PI Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega162V-8PI ATMEL-ATmega162V-8PI Datasheet
590Kb / 22P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega162V-8PI ATMEL-ATmega162V-8PI Datasheet
5Mb / 324P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA162V-8PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY87 ATMEL-ATTINY87_14 Datasheet
7Mb / 261P
   8-bit AVR Microcontroller with 8K/16K Bytes In-System
ATMEGA16 ATMEL-ATMEGA16 Datasheet
2Mb / 315P
   8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P Datasheet
3Mb / 365P
   8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16A ATMEL-ATMEGA16A_14 Datasheet
521Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System
ATTINY88 ATMEL-ATTINY88_14 Datasheet
6Mb / 302P
   8-bit AVR Microcontroller with 8K Bytes In-System
ATTINY828 ATMEL-ATTINY828 Datasheet
772Kb / 20P
   8-bit AVR Microcontroller with 8K Bytes In-System
ATTINY441 ATMEL-ATTINY441_14 Datasheet
17Mb / 366P
   8-bit AVR Microcontroller with 4/8K Bytes In-System
ATTINY841 ATMEL-ATTINY841_14 Datasheet
17Mb / 366P
   8-bit AVR Microcontroller with 4/8K Bytes In-System
ATMEGA165 ATMEL-ATMEGA165 Datasheet
169Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_08 Datasheet
420Kb / 25P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com