Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1002010-100 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # 1002010-100
Description  Compact Slip Rings
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

1002010-100 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  1002010-100 Datasheet HTML 1Page - Aeroflex Circuit Technology 1002010-100 Datasheet HTML 2Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
239-263-3102 ● sales-motion@aeroflex.com ● www.aeroflex.com/sliprings
Compact Slip Rings
1002010-100 Series Datasheet
Description
Aeroflex Motion Control has developed a standard line of compact slip ring assemblies
that can be used for the transmission of low level signals up to 2 amperes per circuit.
These capsules feature gold alloy contacts, precision ball bearings, #26 AWG Teflon
insulated lead wires, and are cast in a durable high tech plastic. Each circuit has
redundant contacts that ride in V-grooved rings. This design provides the lowest
electrical noise in its class. These smooth running units operate with a very minimal
amount of torque and are an excellent choice for transmitting electrical signals
through a rotating joint.
Features
• Transfers power, analog, digital and video signals
• Up to 40 circuits
• Compact size
• Electrical Noise < 30 milliohm at max speed
• Speeds up to 250 rpm
• Gold on gold contacts
• Precision ball bearings
• RoHS Compliant
• Made in USA
Typical Applications
• CCTV pan / tilt camera mounts
• Security cameras
• Robotic systems
• Medical equipment
• Electrical test equipment
• Manufacturing equipment


Similar Part No. - 1002010-100

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100201000001 ERNI-100201000001 Datasheet
148Kb / 1P
   ERMETZD FEDERLEISTE 3-10
100201020001 ERNI-100201020001 Datasheet
169Kb / 1P
   ERmetZDplus Federleiste 4-10
100201030001 ERNI-100201030001 Datasheet
59Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
100201040001 ERNI-100201040001 Datasheet
81Kb / 1P
   M 1.27 SRC A, 10-polig BA1
100201070001 ERNI-100201070001 Datasheet
117Kb / 1P
   Federleiste R 96 EE
More results

Similar Description - 1002010-100

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
1001398-008 AEROFLEX-1001398-008 Datasheet
196Kb / 2P
   Compact Slip Rings
1001847-001 AEROFLEX-1001847-001 Datasheet
269Kb / 2P
   Compact Slip Rings
1001877-001 AEROFLEX-1001877-001 Datasheet
269Kb / 2P
   Compact Slip Rings
logo
Copal Electronics
PLR20-8101 COPAL-PLR20-8101 Datasheet
92Kb / 2P
   SLIP RINGS
PLR40-1000 COPAL-PLR40-1000 Datasheet
104Kb / 2P
   SLIP RINGS
logo
Aeroflex Circuit Techno...
1001808-001 AEROFLEX-1001808-001 Datasheet
217Kb / 2P
   Standard Slip Rings
logo
PANDUIT CORP.
CMVDR1 PANDUIT-CMVDR1 Datasheet
104Kb / 1P
   Vertical D-Rings
logo
ebm-papst
9556-2-4013 EBMPAPST-9556-2-4013 Datasheet
138Kb / 1P
   INLET RINGS - MOTORIZED IMPELLERS
logo
Richco, Inc.
ASPR-8-062 RICHCO-ASPR-8-062 Datasheet
39Kb / 1P
   ANTI-SLIP PAD
logo
PANDUIT CORP.
A41186 PANDUIT-A41186 Datasheet
176Kb / 1P
   3PC. NYLON INSULATED. 12-10 BARREL, RINGS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com