Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC14 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC14
Description  SNx4HC14 Hex Schmitt-Trigger Inverters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC14 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74HC14 Datasheet HTML 7Page - Texas Instruments SN74HC14 Datasheet HTML 8Page - Texas Instruments SN74HC14 Datasheet HTML 9Page - Texas Instruments SN74HC14 Datasheet HTML 10Page - Texas Instruments SN74HC14 Datasheet HTML 11Page - Texas Instruments SN74HC14 Datasheet HTML 12Page - Texas Instruments SN74HC14 Datasheet HTML 13Page - Texas Instruments SN74HC14 Datasheet HTML 14Page - Texas Instruments SN74HC14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
VC
VOUT
4.5
2.5
t0 + 
t0
t0 + 5 
5.0
4.0
1.5
2.0
1.0
0.5
3.5
3.0
Time
0.0
t0 + 2 
t0 + 3 
t0 + 4 
VT+ Typical
Max Delay Time = 1.20
Min Delay Time = 0.42
SN54HC14, SN74HC14
www.ti.com
SCLS085H – DECEMBER 1982 – REVISED SEPTEMBER 2015
Typical Application (continued)
10.2.3 Application Curve
Figure 6. Ideal Capacitor Voltage and Output Voltage With Positive Switching Threshold Range
Representation.
11 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in the
Recommended Operating Conditions. Each VCC terminal should have a good bypass capacitor to prevent power
disturbance. For devices with a single supply, TI recommends a 0.1-µF capacitor. If there are multiple VCC
terminals, then TI recommends a 0.01-µF or 0.022-µF capacitor for each power terminal. Multiple bypass
capacitors can be paralleled to reject different frequencies of noise. Frequencies of 0.1
μF and 1 μF are
commonly used in parallel. The bypass capacitor should be installed as close as possible to the power terminal
for best results.
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN54HC14 SN74HC14


Similar Part No. - SN74HC14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC14 TI-SN74HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74HC14 TI-SN74HC14 Datasheet
665Kb / 17P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74HC14 TI-SN74HC14 Datasheet
1Mb / 33P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74HC14-Q1 TI1-SN74HC14-Q1 Datasheet
255Kb / 10P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74HC148 TI-SN74HC148 Datasheet
585Kb / 17P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS
More results

Similar Description - SN74HC14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com