Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95901IRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL95901IRZ
Description  Wide VIN Dual Integrated Buck Regulator With 4A/4A Continuous Output Current and LDOs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95901IRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL95901IRZ Datasheet HTML 1Page - Intersil Corporation ISL95901IRZ Datasheet HTML 2Page - Intersil Corporation ISL95901IRZ Datasheet HTML 3Page - Intersil Corporation ISL95901IRZ Datasheet HTML 4Page - Intersil Corporation ISL95901IRZ Datasheet HTML 5Page - Intersil Corporation ISL95901IRZ Datasheet HTML 6Page - Intersil Corporation ISL95901IRZ Datasheet HTML 7Page - Intersil Corporation ISL95901IRZ Datasheet HTML 8Page - Intersil Corporation ISL95901IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
DATASHEET
Wide VIN Dual Integrated Buck Regulator With 4A/4A
Continuous Output Current and LDOs
ISL95901
The ISL95901 is a dual, high-efficient buck regulator capable
of 4A per channel continuous output current. It integrates two
LDOs and one low-impedance switch. This power management
IC delivers power in portable and embedded systems. With an
input range of 4.5V to 16V, it provides a high frequency power
solution for a variety of point-of-load applications. Outputs are
adjustable to meet system needs.
A PWM controller drives two pairs of internal switching
N-channel power MOSFETs to generate output voltage. The
integrated power switch is optimized for excellent thermal
performance for up to 4A of output current per channel.
The ISL95901 modulator features Intersil R4™ Technology,
which combines the best features of fixed-frequency and
hysteretic PWMs while eliminating many of their drawbacks.
Like R3™ Technology, the R4™ Technology allows variable
frequency in response to load transients and maintains the
benefits of current-mode hysteretic controllers. In addition, it
reduces regulator output impedance and uses accurate
referencing to eliminate the need for a high-gain voltage
amplifier. The resulting topology can be tuned to voltage-mode
hysteretic transient speed while maintaining a linear control
model. This topology removes the need for compensation,
which greatly simplifies regulator design for customers and
reduces external component count and cost.
Protection features include overcorrect, negative overcorrect,
UVLO and thermal overload. The ISL95901 is available in a
46 Ld 5mmx6mm Quad Flat (QFN) Pb-free package.
Features
• Wide input voltage range from 4.5V to 16V
• Adjustable output voltages with continuous output current
up to 4A
• 1% accuracy over temperature and VCC range
• Built-in low-power LDO for external µC
•Built-in compensation
• Internally set SS and OCP
• Independent enable, power-good and standby control inputs
for each output
• Innovative R4™ Modulator
• Boot undervoltage detection
Applications
• General purpose, point-of-load DC/DC power conversion
• Notebook, netbook and tablet
• Embedded computing system
Related Literature
• See AN1743 “Wide VIN Dual Integrated Buck Regulator With
4A/4A Continuous Output Current and LDOs”
FIGURE 1. EFFICIENCY vs LOAD, VIN = 12V, TA = +25°C
FIGURE 2. R3™ vs R4™ IDEALIZED TRANSIENT RESPONSE
40
50
60
70
80
90
00
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT LOAD (A)
6VIN PFM
12VIN PFM
6VIN PWM
8.4VIN PWM
12VIN PWM
8.4VIN PFM
R3
t
R4
VOUT
VCOMP
IOUT
fSW = 300kHz, VOUT = 5V
January 22, 2015
FN7893.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2013, 2015. All Rights Reserved
Intersil (and design) and R3 and R4 technologies are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL95901IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95901IRZ RENESAS-ISL95901IRZ Datasheet
1Mb / 24P
   Wide VIN Dual Integrated Buck Regulator With 4A/4A Continuous Output Current and LDOs
More results

Similar Description - ISL95901IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95901 RENESAS-ISL95901 Datasheet
1Mb / 24P
   Wide VIN Dual Integrated Buck Regulator With 4A/4A Continuous Output Current and LDOs
ISL85033 RENESAS-ISL85033 Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
logo
Intersil Corporation
ISL85033 INTERSIL-ISL85033_11 Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
ISL78208 INTERSIL-ISL78208 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
ISL78208ARZ INTERSIL-ISL78208ARZ Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
July 29, 2014
ISL85033_1012 INTERSIL-ISL85033_1012 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
logo
Renesas Technology Corp
ISL78208 RENESAS-ISL78208 Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
logo
International Rectifier
IR3822MPBF IRF-IR3822MPBF_08 Datasheet
674Kb / 21P
   HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3812MPBF IRF-IR3812MPBF_08 Datasheet
670Kb / 21P
   HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3812MPBF IRF-IR3812MPBF Datasheet
39Kb / 1P
   HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com