Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV1T34DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV1T34DBVR
Description  SN74LV1T34 Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV1T34DBVR Datasheet(HTML) 4 Page - Texas Instruments

  SN74LV1T34DBVR Datasheet HTML 1Page - Texas Instruments SN74LV1T34DBVR Datasheet HTML 2Page - Texas Instruments SN74LV1T34DBVR Datasheet HTML 3Page - Texas Instruments SN74LV1T34DBVR Datasheet HTML 4Page - Texas Instruments SN74LV1T34DBVR Datasheet HTML 5Page - Texas Instruments SN74LV1T34DBVR Datasheet HTML 6Page - Texas Instruments SN74LV1T34DBVR Datasheet HTML 7Page - Texas Instruments SN74LV1T34DBVR Datasheet HTML 8Page - Texas Instruments SN74LV1T34DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
±0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
12.5
25.0
37.5
50.0
62.5
75.0
87.5
Time - nS
Input
Output
C001
±0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
5
10
15
20
Time - ns
Input
Output
C002
SN74LV1T34
SCLS743A – DECEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
Logic Diagram (continued)
Switching Characteristics at 50 MHz
Figure 2. Excellent Signal Integrity (3.3V to 3.3V at 3.3V VCC)
white space
Switching Characteristics at 15 MHz
Figure 3. Excellent Signal Integrity (3.3V to 1.8V at 1.8V VCC)
4
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: SN74LV1T34


Similar Part No. - SN74LV1T34DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T34DBVR TI1-SN74LV1T34DBVR Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
SN74LV1T34DBVR TI1-SN74LV1T34DBVR Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
SN74LV1T34DBVRG4 TI1-SN74LV1T34DBVRG4 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
SN74LV1T34DBVRG4 TI1-SN74LV1T34DBVRG4 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
More results

Similar Description - SN74LV1T34DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T34-Q1 TI-SN74LV1T34-Q1_V01 Datasheet
938Kb / 23P
[Old version datasheet]   SN74LV1T34-Q1 Automotive Single Power Supply Single Buffer Logic Level Shifter
REVISED SEPTEMBER 2022
SN74LV1T34 TI1-SN74LV1T34 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
SN74LV1T34 TI1-SN74LV1T34_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
SN74LV1T34-Q1 TI-SN74LV1T34-Q1 Datasheet
935Kb / 22P
[Old version datasheet]   SN74LV1T34-Q1 Automotive Single Power Supply Single Buffer Logic Level Shifter
MAY 2022
SN74LV1T34-Q1 TI1-SN74LV1T34-Q1_V02 Datasheet
1Mb / 27P
[Old version datasheet]   SN74LV1T34-Q1 Automotive Single Power Supply Single Buffer Logic Level Shifter
REVISED NOVEMBER 2023
SN74LV1T04 TI1-SN74LV1T04_18 Datasheet
1Mb / 20P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T04_1809 TI1-SN74LV1T04_1809 Datasheet
1Mb / 23P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T04DCKR TI1-SN74LV1T04DCKR Datasheet
848Kb / 16P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T04 TI1-SN74LV1T04 Datasheet
898Kb / 18P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T125 TI1-SN74LV1T125_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com