Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV1T86 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV1T86
Description  SN74LV1T125 Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV1T86 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV1T86 Datasheet HTML 1Page - Texas Instruments SN74LV1T86 Datasheet HTML 2Page - Texas Instruments SN74LV1T86 Datasheet HTML 3Page - Texas Instruments SN74LV1T86 Datasheet HTML 4Page - Texas Instruments SN74LV1T86 Datasheet HTML 5Page - Texas Instruments SN74LV1T86 Datasheet HTML 6Page - Texas Instruments SN74LV1T86 Datasheet HTML 7Page - Texas Instruments SN74LV1T86 Datasheet HTML 8Page - Texas Instruments SN74LV1T86 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
VIH min = 1.36V
VIL min = 0.8V
VOH min = 2.4V
VOL max = 0.4V
LV1Txx Logic
3.3V
System
5.0V, 3.3V
2.5V, 1.8V
System
Vcc = 3.3V
VIH = 2.0V
VIL = 0.8V
VIH = 0.99V
VIL = 0.55V
5.0V
3.3V
System
Vcc = 5.0V
LV1Txx Logic
5.0V
System
Vcc = 1.8V
5.0V, 3.3V
2.5V, 1.8V
1.5V, 1.2V
System
LV1Txx Logic
1.8V
System
SN74LV1T125
www.ti.com
SCLS745A – DECEMBER 2013 – REVISED FEBRUARY 2014
4.2 Typical Design Examples
Figure 5. Switching Thresholds for 1.8-V to 3.3-V Translation
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LV1T125


Similar Part No. - SN74LV1T86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T86 TI1-SN74LV1T86 Datasheet
898Kb / 18P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T86 TI1-SN74LV1T86 Datasheet
899Kb / 18P
[Old version datasheet]   Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
SN74LV1T86 TI1-SN74LV1T86 Datasheet
922Kb / 19P
[Old version datasheet]   Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
SN74LV1T86 TI1-SN74LV1T86 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Quadruple Buffer Translator GATE With 3-State Output CMOS Logic Level Shifter
SN74LV1T86 TI1-SN74LV1T86 Datasheet
1Mb / 21P
[Old version datasheet]   Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
More results

Similar Description - SN74LV1T86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T125 TI1-SN74LV1T125_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T125 TI1-SN74LV1T125 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126_15 Datasheet
948Kb / 20P
[Old version datasheet]   SN74LV1T126 Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV4T125 TI1-SN74LV4T125 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Quadruple Buffer Translator GATE With 3-State Output CMOS Logic Level Shifter
SN74LV1T34 TI1-SN74LV1T34 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
SN74LV1T34 TI1-SN74LV1T34_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
SN74LV1T34 TI1-SN74LV1T34_15 Datasheet
947Kb / 20P
[Old version datasheet]   SN74LV1T34 Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
logo
Renesas Technology Corp
HD74LV1GT125A RENESAS-HD74LV1GT125A Datasheet
116Kb / 8P
   Bus Buffer Gate with 3.state Output / CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com