Electronic Components Datasheet Search |
|
SN74LV1T86 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
SN74LV1T86 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 20 page OE A GND V CC Y 1 2 3 5 4 DCK or DBV PACKAGE (TOP VIEW) Product Folder Sample & Buy Technical Documents Tools & Software Support & Community SN74LV1T125 SCLS745A – DECEMBER 2013 – REVISED FEBRUARY 2014 SN74LV1T125 Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter 1 Features 2 Applications 1 • Single-Supply Voltage Translator at • Industrial controllers 5.0/3.3/2.5/1.8V VCC • Telecom • Operating Range of 1.8V to 5.5V • Portable applications • Up Translation • Servers – 1.2V(1) to 1.8V at 1.8V VCC • PC and notebooks – 1.5V(1) to 2.5V at 2.5V VCC • Automotive – 1.8V(1) to 3.3V at 3.3V VCC 3 Description – 3.3V to 5.0V at 5.0VVCC SN74LV1T125 is a low voltage CMOS gate logic that • Down Translation operates at a wider voltage range for industrial, – 3.3V to 1.8V at 1.8V VCC portable, telecom, and automotive applications. The – 3.3V to 2.5V at 2.5V VCC output level is referenced to the supply voltage and is able to support 1.8V/2.5V/3.3V/5V CMOS levels. – 5.0V to 3.3V at 3.3V VCC The input is designed with a lower threshold circuit to • Logic Output is Referenced to VCC match 1.8V input logic at VCC = 3.3V and can be used • Output Drive in 1.8V to 3.3V level up translation. In addition, the – 8.0mA Output Drive at 5.0V 5V tolerant input pins enable down translation (e.g. – 7.0mA Output Drive at 3.3V 3.3V to 2.5V output at VCC = 2.5V). The wide VCC range of 1.8V to 5.5V allows generation of desired – 3.0mA Output Drive at 1.8V output levels to connect to controllers or processors. • Characterized up to 50MHz at 3.3V VCC The SN74LV1T125 is designed with current-drive • 5.0V Tolerance on Input Pins capability of 8 mA to reduce line reflections, • –40°C to 125°C Operating Temperature Range overshoot, and undershoot caused by high-drive • Latch-Up Performance Exceeds 250mA outputs. Per JESD 17 Device Information • ESD Performance Tested Per JESD 22 ORDER NUMBER PACKAGE BODY SIZE – 2000-V Human-Body Model SN74LV1T125DBVR SOT-23 (5) 2,90mm x 1,60mm (A114-B, Class II) SN74LV1T125DCKR SC70 (5) 2,00mm x 1,25mm – 200-V Machine Model (A115-A) – 1000-V Charged-Device Model (C101) • Supports Standard Logic Pinouts • CMOS Output B Compatible with AUP1G and LVC1G Families (1) Refer to the VIH/VIL and output drive for lower VCC condition 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Similar Part No. - SN74LV1T86 |
|
Similar Description - SN74LV1T86 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |