Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHI105S-15DI5.7 Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MHI105S-15DI5.7
Description  High Isolation, 1W SIP Single & Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MHI105S-15DI5.7 Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MHI105S-15DI5.7 Datasheet HTML 1Page - MicroPower Direct, LLC MHI105S-15DI5.7 Datasheet HTML 2Page - MicroPower Direct, LLC MHI105S-15DI5.7 Datasheet HTML 3Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Notes:
The MHI100x-xxD series is a good choice for IGBT
applications. They are designed to withstand the
extra stress caused by the high voltage switching
transients present in IGBT drive circuits.
The MHI1xxD-1509DI5.7 models are specifi-
cally designed for use with “962” type drivers.
The IGD962 (available from MPD) is a hybrid
integrated circuit specifically designed to drive
N-channel IGBT modules. It provides the I/O
isolation, high speed, drive voltage stability and
fault protection required to control most MOS
gated power devices.
The drawing at right illustrates a typical connec-
tion of the MHI105D-1509DI5.7 to the IGD962.
For more information on this connection, please
contact the factory.
Mechanical Dimensions
Pin
Single Output
1+VIN
2-VIN
5-VOUT
6
No Pin
7+VOUT
Pin Connections
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Pin
Dual Output
1+VIN
2-VIN
5-VOUT
6
Common
7+VOUT
IGBT Applications


Similar Part No. - MHI105S-15DI5.7

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI105S-15DI5.7 MPD-MHI105S-15DI5.7 Datasheet
662Kb / 3P
   High Isolation, 1W SIP Single & Dual Output DC/DC Con vert ers
More results

Similar Description - MHI105S-15DI5.7

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
   1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MAU400 TOTAL-POWER-MAU400 Datasheet
338Kb / 6P
   1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
DM100E MPD-DM100E Datasheet
217Kb / 2P
   UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
   High Isolation, 2W SIP Single & Dual Output DC/DC Converters
D100I MPD-D100I Datasheet
201Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com