Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHD5922-901-2S Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # RHD5922-901-2S
Description  RadHard-by-Design RHD5922 Analog Multiplexer 16-Channel, Sample-and-Hold
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5922-901-2S Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  RHD5922-901-2S Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5922-901-2S Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5922-901-2S Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5922-901-2S Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5922-901-2S Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5922-901-2S Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SCD5922 Rev B Preliminary 3/8/11
Aeroflex Plainview
SWITCHING CHARACTERISTICS
(TC = -55°C TO +125°C, +VCC = +5V -- UNLESS OTHERWISE SPECIFIED)
Parameter
Symbol
Conditions
Min
Max
Units
Address (low-to-high) to Output
tAHL
f = 10KHz, VIN = +5V, RL =10k
15
us
Address (high-to-low) to Output
tALH
f = 10KHz, VIN = +5V, RL =10k
15
us
Droop Rate
DR
-0.1
V/s
Data Setup Time
tDS
150
-
ns
Data Hold Time
tDH
150
-
ns
TRUTH TABLE (CH0 – CH15)
A3
A2
A1
A0
"ON" CHANNEL 1/
LLLL
CH0
LLL
H
CH1
L
L
H
L
CH2
L
L
H
H
CH3
L
H
L
L
CH4
L
H
L
H
CH5
L
H
H
L
CH6
L
H
H
H
CH7
H
LLL
CH8
H
L
L
H
CH9
H
L
H
L
CH10
H
L
H
H
CH11
H
H
L
L
CH12
H
H
L
H
CH13
H
H
H
L
CH14
HH
HH
CH15
1/ Between (CH0-CH15) and VOUT


Similar Part No. - RHD5922-901-2S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5921 AEROFLEX-RHD5921 Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5921-201-1S AEROFLEX-RHD5921-201-1S Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5921-201-2S AEROFLEX-RHD5921-201-2S Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5921-7 AEROFLEX-RHD5921-7 Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5921-901-1S AEROFLEX-RHD5921-901-1S Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
More results

Similar Description - RHD5922-901-2S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5921 AEROFLEX-RHD5921 Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5928 AEROFLEX-RHD5928 Datasheet
326Kb / 6P
   RadHard-by-Design RHD5928 Analog Multiplexer 8-Channel
logo
Analog Devices
AD883B AD-AD883B_15 Datasheet
297Kb / 7P
   Precision Sample and Hold with 16 Channel Multiplexer
REV. A
logo
Aeroflex Circuit Techno...
RHD8540 AEROFLEX-RHD8540 Datasheet
357Kb / 8P
   RadHard-by-Design RHD8540 64-Channel Analog Multiplexer 32-Channel Kelvin Measurement Configured
logo
New Japan Radio
NJU7304 NJRC-NJU7304 Datasheet
165Kb / 5P
   8-CHANNEL MULTIPLEXER WITH SAMPLE AND HOLD
logo
Aeroflex Circuit Techno...
RHD5950 AEROFLEX-RHD5950 Datasheet
420Kb / 8P
   RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5940 AEROFLEX-RHD5940 Datasheet
445Kb / 6P
   RadHard-by-Design RHD5940 14-Bit Analog to Digital Converter
logo
Analog Devices
AD362 AD-AD362 Datasheet
3Mb / 8P
   PrecisionSample-and-Hold with 16-Channel Multiplexer
logo
Intersil Corporation
HI-5046A INTERSIL-HI-5046A Datasheet
892Kb / 12P
   Sample and Hold
logo
Aeroflex Circuit Techno...
RHD5958 AEROFLEX-RHD5958 Datasheet
470Kb / 8P
   RadHard-by-Design RHD5958 8-Channel Multiplexed 14-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com