Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHI324D-12ARUI8 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MHI324D-12ARUI8
Description  Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MHI324D-12ARUI8 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MHI324D-12ARUI8 Datasheet HTML 1Page - MicroPower Direct, LLC MHI324D-12ARUI8 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Mechanical Dimensions
Pin
Single Output
1+VIN
11
No Pin
12
-VOUT
13
+VOUT
15
No Pin
23
-VIN
24
-VIN
Pin Connections
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Pin
Dual Output
1+VIN
11
Common
12
No Pin
13
-VOUT
15
+VOUT
23
-VIN
24
-VIN
Model Selection Guide
Model
Number
Input
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MHI324S-05ARUI8
24
9.0 - 40.0
162
20
5.0
600
90.0
77
1,000
1,000
MHI324S-12ARUI8
24
9.0 - 40.0
152
20
12.0
250
37.5
82
470
1,000
MHI324D-12ARUI8
24
9.0 - 40.0
151
20
±12.0
±125
±18.8
83
220
1,000
MHI324D-15ARUI8
24
9.0 - 40.0
151
20
±15.0
±100
±15.0
83
220
1,000
MHI348S-05ARUI8
48
18.0 - 80.0
81
10
5.0
600
90.0
77
1,000
500
MHI348S-12ARUI8
48
18.0 - 80.0
76
10
12.0
250
37.5
82
470
500
MHI348D-12ARUI8
48
18.0 - 80.0
75
10
±12.0
±125
±18.8
83
220
500
MHI348D-15ARUI8
48
18.0 - 80.0
75
10
±15.0
±100
±15.0
83
220
500
Notes:
1. The specified maximum capacitive load is for each output.
2. Load regulation is measured over a range of 25% IOUT to 100% IOUT.
3. When measuring output ripple & noise, it is recommended that an external capacitor (0.47 µF typ.) be
placed from the +VOUT to the -VOUT pins for single output units and from each output to common for
dual output models. To further reduce output ripple, a 3.3 µF is recommended.
4. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%.
5. The converter should be connected to a low ac-impedance source. A source with a highly induc-
tive impedance may affect the stability of the converter. In applications where the converter output
loading is high and input power is supplied over long lines, it may be necessary to use a capacitor
on the input to insure start-up. In this case, it is recommended that a low ESR (<1.0
at 100 kHz)
capacitor be mounted close to the converter. For 24V input units a 4.7 µF is recommended and for
48V units a 2.2 µF.
6. Operation at no-load will not damage the unit, but they may not meet all specifications.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the Model
Selection tables for the correct rating.
Derating Curve
IGBT Applications
Notes:
The MHI300x-xxARU series is a good
choice for applications involving high
speed switching, such as driving IGBTs.
They are designed to withstand the
extra stress caused by the high voltage
switching transients present in IGBT
drive circuits.
All of the MHIxxx series have isolation
levels that range from 5.2 to 8 kV. Many
of these have reinforced insulation. The
high isolation levels (and the correspond-
ingly low capacitive coupling rates) allow
them to be safely used in applications
with highly dynamic switched AC or DC.


Similar Part No. - MHI324D-12ARUI8

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI324D-12ARI6 MPD-MHI324D-12ARI6 Datasheet
527Kb / 2P
   Compact, 3W DIP Ultra-High Isolation DC/DC Converters
MHI324D-12ARWI8 MPD-MHI324D-12ARWI8 Datasheet
666Kb / 3P
   Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
More results

Similar Description - MHI324D-12ARUI8

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI300ARWI8 MPD-MHI300ARWI8 Datasheet
666Kb / 3P
   Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
A300RUI MPD-A300RUI Datasheet
89Kb / 2P
   3W, Ultra-Wide Input High Isolation DC/DC Converters
MHI600ARWI8 MPD-MHI600ARWI8 Datasheet
545Kb / 2P
   Wide Input, 6W DIP Ultra-High Isolation DC/DC Converters
MHI300ARI6 MPD-MHI300ARI6 Datasheet
527Kb / 2P
   Compact, 3W DIP Ultra-High Isolation DC/DC Converters
MH300RW MPD-MH300RW Datasheet
403Kb / 2P
   Wide Input, 3W Ultra-Miniature DC/DC Converters
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW2000 MINMAX-MIHW2000 Datasheet
180Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP03AA TOPPOWER-TP03AA_17 Datasheet
470Kb / 4P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_17 Datasheet
525Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com