Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY28L-4AI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATTINY28L-4AI
Description  8-bit AVR Microcontroller with 2K Bytes of Flash
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY28L-4AI Datasheet(HTML) 2 Page - ATMEL Corporation

  ATTINY28L-4AI Datasheet HTML 1Page - ATMEL Corporation ATTINY28L-4AI Datasheet HTML 2Page - ATMEL Corporation ATTINY28L-4AI Datasheet HTML 3Page - ATMEL Corporation ATTINY28L-4AI Datasheet HTML 4Page - ATMEL Corporation ATTINY28L-4AI Datasheet HTML 5Page - ATMEL Corporation ATTINY28L-4AI Datasheet HTML 6Page - ATMEL Corporation ATTINY28L-4AI Datasheet HTML 7Page - ATMEL Corporation ATTINY28L-4AI Datasheet HTML 8Page - ATMEL Corporation ATTINY28L-4AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
2
ATtiny28L/V
1062E–10/01
Description
The ATtiny28 is a low-power CMOS 8-bit microcontroller based on the AVR RISC archi-
tecture. By executing powerful instructions in a single clock cycle, the ATtiny28 achieves
throughputs approaching 1 MIPS per MHz, allowing the system designer to optimize
power consumption versus processing speed. The AVR core combines a rich instruction
set with 32 general-purpose working registers. All the 32 registers are directly con-
nected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be
accessed in one single instruction executed in one clock cycle. The resulting architec-
ture is more code efficient while achieving throughputs up to ten times faster than
conventional CISC microcontrollers.
Block Diagram
Figure 1. The ATtiny28 Block Diagram
The ATtiny28 provides the following features: 2K bytes of Flash, 11 general-purpose I/O
lines, 8 input lines, a high-current LED driver, 32 general-purpose working registers, an
8-bit timer/counter, internal and external interrupts, programmable Watchdog Timer with
internal oscillator and 2 software-selectable power-saving modes. The Idle Mode stops
the CPU while allowing the timer/counter and interrupt system to continue functioning.
The Power-down mode saves the register contents but freezes the oscillator, disabling
all other chip functions until the next interrupt or hardware reset. The wake-up or inter-
PROGRAM
COUNTER
INTERNAL
OSCILLATOR
WATCHDOG
TIMER
STACK
POINTER
PROGRAM
FLASH
MCU CONTROL
REGISTER
GENERAL
PURPOSE
REGISTERS
INSTRUCTION
REGISTER
TIMER/
COUNTER
INSTRUCTION
DECODER
DATA REGISTER
PORTB
PROGRAMMING
LOGIC
TIMING AND
CONTROL
INTERRUPT
UNIT
STATUS
REGISTER
ALU
PORTB
VCC
GND
CONTROL
LINES
8-BIT DATA BUS
Z
OSCILLATOR
PORTD
DATA REGISTER
PORTA
PORTA
PORTA CONTROL
REGISTER
XTAL2
XTAL1
RESET
HARDWARE
STACK
DATA REGISTER
PORTD
DATA DIR
REG. PORTD
HARDWARE
MODULATOR
INTERNAL
CALIBRATED
OSCILLATOR


Similar Part No. - ATTINY28L-4AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY28L-4AI ATMEL-ATTINY28L-4AI Datasheet
176Kb / 13P
   8-bit Microcontroller with 2K Bytes of Flash
More results

Similar Description - ATTINY28L-4AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY28L ATMEL-ATTINY28L_06 Datasheet
176Kb / 13P
   8-bit Microcontroller with 2K Bytes of Flash
ATTINY2313 ATMEL-ATTINY2313 Datasheet
2Mb / 211P
   8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20-EK1 ATMEL-ATTINY20-EK1 Datasheet
4Mb / 220P
   8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com