Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHI224S-15LRI8 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MHI224S-15LRI8
Description  Compact, 2W SMT Ultra-High Isolation DC/DC Con vert ers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MHI224S-15LRI8 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MHI224S-15LRI8 Datasheet HTML 1Page - MicroPower Direct, LLC MHI224S-15LRI8 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
2W Output Power
8.0 kV Isolation
15 kV/µS CMTI
Reinforced Insulation
EN 60950 Approved (Pend.)
Compact SMT Case
-25°C to +80°C Operation
Tape & Reel Available
MHI200LRI8
Compact, 2W SMT
Ultra-High Isolation
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
24 VDC Input
21.6
24.0
26.4
Input Filter
Capacitor Filter
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±2.0
±4.0
%
Output Voltage Balance
Dual Output, Balanced Loads
±0.1
±1.0
%
Line Regulation
VIN = Min to Max
±1.2
±1.5
%
Load Regulation, See Note 2
See Model Selection Guide
Ripple & Noise (20 MHz)
See Note 3
150
mV P - P
Temperature Coefficient
±0.01
±0.02
%/°C
Output Short Circuit
Momentary (0.5S Max)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Rated For 60 Sec
4,000
VAC rms
Tested For 1 Sec
8,000
VDC
Isolation Resistance
500 VDC
10
G
Isolation Capacitance
100 kHz, 1V
15
20
pF
Common Mode Transient Immunity
15
kV/µS
Switching Frequency
50
80
100
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-25
+25
+80
°C
Case
+90
Storage Temperature Range
-50
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagram (Page 2)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.125 Oz (3.75g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
2.0
MHours
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-020D Level 2
Safety Standards
UL 60950, EN 60950 (Pending)
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (0.1 Sec)
5 VDC Input
9.0
VDC
12 VDC Input
18.0
24 VDC Input
30.0
Lead Free Reflow Solder Process
IPC/JEDEC J-STD-020D.1
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Series


Similar Part No. - MHI224S-15LRI8

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI224S-15DI5.7 MPD-MHI224S-15DI5.7 Datasheet
645Kb / 3P
   High Isolation, 2W SIP Single & Dual Output DC/DC Converters
MHI224S-15GRI8 MPD-MHI224S-15GRI8 Datasheet
484Kb / 2P
   Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
More results

Similar Description - MHI224S-15LRI8

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A200RHI MPD-A200RHI Datasheet
184Kb / 2P
   Very High Isolation, 2W Single & Dual Output DC/DC Con vert ers
ME05SI MPD-ME05SI_18 Datasheet
464Kb / 2P
   High Isolation, 0.5W Ultra-Miniature SIP DC/DC Con vert ers
ML100MRI4 MPD-ML100MRI4 Datasheet
253Kb / 2P
   Medical Approved Compact SMT, 1W DC/DC Con vert ers
ML100RW MPD-ML100RW Datasheet
419Kb / 2P
   Ultra-Compact, 1W Wide 2:1 Input, SMT DC/DC Con vert ers
ML300RU MPD-ML300RU Datasheet
687Kb / 2P
   Ultra-Compact, 3W Wide 4:1 Input, SMT DC/DC Con vert ers
MD200XE MPD-MD200XE Datasheet
350Kb / 2P
   Low Cost, 2W Miniature SIP DC/DC Con vert ers
MD100VHI MPD-MD100VHI Datasheet
475Kb / 2P
   Miniature 1W, SIP, Very High Isolation DC/DC Con vert ers
MR08XXRUI MPD-MR08XXRUI Datasheet
569Kb / 2P
   Ultra-Wide Input, 8W Compact DIP, Railway DC/DC Con vert ers
MHI100X-XXDI5.7 MPD-MHI100X-XXDI5.7 Datasheet
662Kb / 3P
   High Isolation, 1W SIP Single & Dual Output DC/DC Con vert ers
MPV1560RI4 MPD-MPV1560RI4 Datasheet
603Kb / 5P
   Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com