Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHI1000BRWI8 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MHI1000BRWI8
Description  Compact, 10W Ultra-High Isolation DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MHI1000BRWI8 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MHI1000BRWI8 Datasheet HTML 1Page - MicroPower Direct, LLC MHI1000BRWI8 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Mechanical Dimensions
Pin
Single Output
1-VIN
7
No Connection
8
No Connection
9+VOUT
10
-VOUT
16
+VIN
Pin Connections
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Pin
Dual Output
1-VIN
7
No Connection
8
Common
9+VOUT
10
-VOUT
16
+VIN
Model Selection Guide
Model
Number
Input
Output
Efficiency
(%, Typ)
Reflected
Ripple
(mA)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MHI1012S-05BRWI8
12
9.0 - 18.0
889
30
5.0
1,600
0.0
75
12.0
1,000
2,000
MHI1012S-05.1BRWI8
12
9.0 - 18.0
919
30
5.1
1,600
0.0
74
10.0
1,000
2,000
MHI1012S-12BRWI8
12
9.0 - 18.0
1,057
30
12.0
835
0.0
79
10.0
470
2,000
MHI1012D-12BRWI8
12
9.0 - 18.0
1,042
30
±12.0
±417
±0.0
80
10.0
220
2,000
MHI1012D-15BRWI8
12
9.0 - 18.0
1,028
30
±15.0
±333
±0.0
81
10.0
220
2,000
MHI1024S-05BRWI8
24
18.0 - 36.0
548
20
5.0
1,600
0.0
76
12.0
1,000
1,000
MHI1024S-05.1BRWI8
24
18.0 - 36.0
567
20
5.1
1,600
0.0
75
10.0
1,000
1,000
MHI1024S-12BRWI8
24
18.0 - 36.0
522
20
12.0
835
0.0
80
10.0
470
1,000
MHI1012D-12BRWI8
24
18.0 - 36.0
516
20
±12.0
±417
±0.0
81
10.0
220
1,000
MHI1012D-15BRWI8
24
18.0 - 36.0
508
20
±15.0
±333
±0.0
82
10.0
220
1,000
MHI1048S-05BRWI8
48
36.0 - 75.0
274
10
5.0
1,600
0.0
76
12.0
1,000
600
MHI1048S-05.1BRWI8
48
36.0 - 75.0
283
10
5.1
1,600
0.0
75
10.0
1,000
600
MHI1048S-12BRWI8
48
36.0 - 75.0
261
10
12.0
835
0.0
80
10.0
470
600
MHI1048D-12BRWI8
48
36.0 - 75.0
258
10
±12.0
±417
±0.0
81
10.0
220
600
MHI1048D-15BRWI8
48
36.0 - 75.0
254
10
±15.0
±333
±0.0
82
10.0
220
600
Notes:
1. The specified maximum capacitive load is for each output.
2. Load regulation is measured over a range of 15% IOUT to 100% IOUT.
3. When measuring output ripple & noise, it is recommended that an external capacitor (0.47 µF typ.) be placed from the
+VOUT to the -VOUT pins for single output units and from each output to common for dual output models.To further reduce
output ripple, a 3.3 µF is recommended.
4. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%.
5. The converter should be connected to a low ac-impedance source. An input source with a highly inductive impedance
may affect the stability of the converter. In applications where the converter output loading is high and input power is
supplied over long lines, it may be necessary to use a capacitor on the input to insure start-up. In this case, it is recom-
mended that a low ESR (ESR <1.0
at 100 kHz) capacitor be mounted close to the converter. For 12V input units a
10 µF is recommended; for 12V input units, a 4.7 µF; and for 24V units a 2.2 µF.
6. Operation at no-load will not damage the unit, but they may not meet all specifications.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the Model Selection tables for
the correct rating.
Derating Curve
IGBT Applications
Notes:
The MHI1000x-xxB series is a good
choice for applications involving high
speed switching, such as driving IGBTs.
They are designed to withstand the
extra stress caused by the high voltage
switching transients present in IGBT
drive circuits.
All of the MHIxxx series have isolation
levels that range from 5.2 to 8 kV. Many
of these have reinforced insulation. The
high isolation levels (and the correspond-
ingly low capacitive coupling rates) allow
them to be safely used in applications
with highly dynamic switched AC or DC.


Similar Part No. - MHI1000BRWI8

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI1000BRWI8 MPD-MHI1000BRWI8 Datasheet
666Kb / 3P
   Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
More results

Similar Description - MHI1000BRWI8

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI1500BRWI8 MPD-MHI1500BRWI8 Datasheet
698Kb / 3P
   Compact , 15W Ultra-High Isolation DC/DC Converters
MHI2000BRWI8 MPD-MHI2000BRWI8 Datasheet
737Kb / 3P
   Compact, 20W Ultra-High Isolation DC/DC Converters
MHI200GRI8 MPD-MHI200GRI8 Datasheet
484Kb / 2P
   Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
MHI300ARI6 MPD-MHI300ARI6 Datasheet
527Kb / 2P
   Compact, 3W DIP Ultra-High Isolation DC/DC Converters
MR1011S MPD-MR1011S Datasheet
720Kb / 4P
   Ultra-Wide Input, 10W Compact, Railway DC/DC Converters
G200I MPD-G200I Datasheet
77Kb / 2P
   Compact MiniDIP, 2W High Isolation DC/DC Converters
logo
Artesyn Technologies
CXA10 ARTESYN-CXA10 Datasheet
50Kb / 2P
   10W DC/DC Converters
logo
Toppower Electronic Tec...
TP10AC TOPPOWER-TP10AC Datasheet
245Kb / 3P
   10W 4KV Isolation Wide Input AC/DC Converters
TP10AC TOPPOWER-TP10AC_V01 Datasheet
811Kb / 3P
   10W 4KVAC Isolation Wide Input AC/DC Converters
logo
MicroPower Direct, LLC
E100EI MPD-E100EI Datasheet
266Kb / 2P
   1W, High Isolation Ultra-Miniature SIP DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com