Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHI124D-15DI5.7 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MHI124D-15DI5.7
Description  High Isolation, 1W SIP Single & Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MHI124D-15DI5.7 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MHI124D-15DI5.7 Datasheet HTML 1Page - MicroPower Direct, LLC MHI124D-15DI5.7 Datasheet HTML 2Page - MicroPower Direct, LLC MHI124D-15DI5.7 Datasheet HTML 3Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
1W Output Power
5.7 kV Isolation
15 kV/µS CMTI
40 Standard Models
Miniature SIP Case
-40°C to +85°C Operation
Industry Standard Pin-Out
Low Cost
MHI100DI5.7
High Isolation, 1W SIP
Single & Dual Output
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
15 VDC Input
13.5
15.0
16.5
24 VDC Input
21.6
24.0
26.4
Input Filter
Capacitor Filter
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±5.0
%
Output Voltage Balance
Dual Output, Balanced Loads
±0.1
±1.0
%
Line Regulation
For VIN Change of 1%
±1.2
%
Load Regulation, See Note 2
See Model Selection Guide
Ripple & Noise (20 MHz)
See Note 3
100
mV P - P
Temperature Coefficient
±0.01
±0.02
%/°C
Output Short Circuit
Momentary (0.5 Sec Max)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Rated For 60 Sec
5,200
VDC
Tested For 1 Sec
5,700
Isolation Resistance
500 VDC
10
G
Isolation Capacitance
100 kHz, 1V
7
pF
Common Mode Transient Immunity
15
kV/µS
Switching Frequency
100
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Case
+100
Storage Temperature Range
-55
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagram (Page 3)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.08 Oz (2.4g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
2.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (0.1 Sec)
5 VDC Input
9.0
VDC
12 VDC Input
18.0
15 VDC Input
20.0
24 VDC Input
30.0
Lead Temperature
1.5 mm From Case for 10 Sec
260
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Series


Similar Part No. - MHI124D-15DI5.7

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI124D-15DI5.7 MPD-MHI124D-15DI5.7 Datasheet
662Kb / 3P
   High Isolation, 1W SIP Single & Dual Output DC/DC Con vert ers
More results

Similar Description - MHI124D-15DI5.7

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
   1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MAU400 TOTAL-POWER-MAU400 Datasheet
338Kb / 6P
   1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
DM100E MPD-DM100E Datasheet
217Kb / 2P
   UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
   High Isolation, 2W SIP Single & Dual Output DC/DC Converters
D100I MPD-D100I Datasheet
201Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com