Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHI324D-12ARWI8 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MHI324D-12ARWI8
Description  Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MHI324D-12ARWI8 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MHI324D-12ARWI8 Datasheet HTML 1Page - MicroPower Direct, LLC MHI324D-12ARWI8 Datasheet HTML 2Page - MicroPower Direct, LLC MHI324D-12ARWI8 Datasheet HTML 3Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Series
Key Features:
3W Output Power
8.0 kV Isolation
15 kV/µS CMTI
Wide 2:1 Input Range
Reinforced Insulation
EN 60950 Approved (Pend.)
-40°C to +85°C Operation
Industry Standard Pin-Out
S
MHI300ARWI8
Wide Input, 3W DIP
Ultra-High Isolation
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
9.0
12.0
18.0
24 VDC Input
18.0
24.0
36.0
48 VDC Input
36.0
48.0
75.0
Start-Up Threshold Voltage
5 VDC Input
3.7
4.0
4.5
VDC
12 VDC Input
8.0
8.5
9.0
24 VDC Input
15.0
17.0
18.0
48 VDC Input
30.0
33.0
36.0
Under Voltage Shutdown
5 VDC Input
4.0
VDC
12 VDC Input
8.5
24 VDC Input
17.0
48 VDC Input
34.0
Short Circuit Input Power
2,000
mW
Input Filter
(Pi) Filter
Conducted EMI
Meets EN 55022 Class A & FCC Level A
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
%
Output Voltage Balance
Dual Output, Balanced Loads
±0.5
±2.0
%
Line Regulation
VIN = Min to Max
±0.3
±0.5
%
Load Regulation
See Note 2
±0.5
±1.0
%
Ripple & Noise (20 MHz)< See Note 3
5 VDC Output Models
75
100
mV P - P
All Other Models
100
150
Transient Recovery Time, See Note 4
25% Load Step Change
150
500
µSec
Transient Response Deviation
±3.0
±6.0
%
Output Power Protection
Foldback
120
150
%
Temperature Coefficient
±0.01
±0.02
%/°C
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage, 60 Sec
Rated For 60 Sec
4,000
VAC rms
Tested For 1 Sec
8,000
VDC
Isolation Resistance
500 VDC
10
G
Isolation Capacitance
100 kHz, 1V
7
13
pF
Common Mode Transient Immunity
15
kV/µS
Switching Frequency
150
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Case
+100
Storage Temperature Range
-50
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagram (Page 3)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.54 Oz (16.2g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1.0
MHours
Safety Standards
UL 60950, EN 60950 (Pending)
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (0.1 Sec)
5 VDC Input
11.0
VDC
12 VDC Input
25.0
24 VDC Input
50.0
48 VDC Input
100.0
Lead Temperature
1.5 mm From Case for 10 Sec
260
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - MHI324D-12ARWI8

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI324D-12ARI6 MPD-MHI324D-12ARI6 Datasheet
527Kb / 2P
   Compact, 3W DIP Ultra-High Isolation DC/DC Converters
MHI324D-12ARUI8 MPD-MHI324D-12ARUI8 Datasheet
524Kb / 2P
   Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
More results

Similar Description - MHI324D-12ARWI8

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI300ARUI8 MPD-MHI300ARUI8 Datasheet
524Kb / 2P
   Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
A300RUI MPD-A300RUI Datasheet
89Kb / 2P
   3W, Ultra-Wide Input High Isolation DC/DC Converters
MHI600ARWI8 MPD-MHI600ARWI8 Datasheet
545Kb / 2P
   Wide Input, 6W DIP Ultra-High Isolation DC/DC Converters
MHI300ARI6 MPD-MHI300ARI6 Datasheet
527Kb / 2P
   Compact, 3W DIP Ultra-High Isolation DC/DC Converters
MH300RW MPD-MH300RW Datasheet
403Kb / 2P
   Wide Input, 3W Ultra-Miniature DC/DC Converters
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW2000 MINMAX-MIHW2000 Datasheet
180Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP03AA TOPPOWER-TP03AA_17 Datasheet
470Kb / 4P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_17 Datasheet
525Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com