Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHI1048S-05.1BRWI8 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MHI1048S-05.1BRWI8
Description  Compact, 10W Ultra-High Isolation DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MHI1048S-05.1BRWI8 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MHI1048S-05.1BRWI8 Datasheet HTML 1Page - MicroPower Direct, LLC MHI1048S-05.1BRWI8 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
10W Output Power
8.0 kV Isolation
15 kV/µS CMTI
Reinforced Insulation
EN 60950 Approved (Pend.)
Wide 2:1 Input Range
Compact 1” x 2” Case
-40°C to +75°C Operation
MHI1000BRWI8
Compact, 10W
Ultra-High Isolation
DC/DC Converters
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
12 VDC Input
9.0
12.0
18.0
VDC
24 VDC Input
18.0
24.0
36.0
48 VDC Input
36.0
48.0
75.0
Start-Up Threshold Voltage
12 VDC Input
7.0
8.0
9.0
VDC
24 VDC Input
13.0
15.0
18.0
48 VDC Input
30.0
33.0
36.0
Under Voltage Shutdown
12 VDC Input
8.5
VDC
24 VDC Input
16.0
48 VDC Input
34.0
Short Circuit Input Power
3,000
mW
Input Filter
(Pi) Filter
Conducted EMI
Meets EN 55022 Class A & FCC Level A
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
%
Output Voltage Balance
Dual Output, Balanced Loads
±0.5
±2.0
%
Line Regulation
VIN = Min to Max
±0.3
±0.5
%
Load Regulation
See Note 2
±0.5
±1.0
%
Ripple & Noise (20 MHz)< See Note 3
5 VDC Output Models
100
mV P - P
All Other Models
150
Transient Recovery Time, See Note 4
25% Load Step Change
300
600
µSec
Transient Response Deviation
±3.0
±6.0
%
Output Power Protection
120
150
%
Temperature Coefficient
±0.02
±0.05
%/°C
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage, 60 Sec
Rated For 60 Sec
4,000
VAC rms
Tested For 1 Sec
8,000
VDC
Isolation Resistance
500 VDC
10
G
Isolation Capacitance
100 kHz, 1V
60
80
pF
Common Mode Transient Immunity
15
kV/µS
Switching Frequency
120
150
180
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+75
°C
Case
+95
Storage Temperature Range
-50
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagram (Page 2)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.86 Oz (24.5g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1.0
MHours
Safety Standards
UL 60950, EN 60950 (Pending)
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (0.1 Sec)
12 VDC Input
25.0
VDC
24 VDC Input
50.0
48 VDC Input
100.0
Lead Temperature
1.5 mm From Case for 10 Sec
260
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.


Similar Part No. - MHI1048S-05.1BRWI8

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI1000BRWI8 MPD-MHI1000BRWI8 Datasheet
666Kb / 3P
   Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
   High Isolation, 1W SIP Single & Dual Output DC/DC Converters
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
666Kb / 3P
   Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
MHI100X-XXDI5.7 MPD-MHI100X-XXDI5.7 Datasheet
662Kb / 3P
   High Isolation, 1W SIP Single & Dual Output DC/DC Con vert ers
MHI105D-05DI5.7 MPD-MHI105D-05DI5.7 Datasheet
662Kb / 3P
   High Isolation, 1W SIP Single & Dual Output DC/DC Converters
More results

Similar Description - MHI1048S-05.1BRWI8

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI1500BRWI8 MPD-MHI1500BRWI8 Datasheet
698Kb / 3P
   Compact , 15W Ultra-High Isolation DC/DC Converters
MHI2000BRWI8 MPD-MHI2000BRWI8 Datasheet
737Kb / 3P
   Compact, 20W Ultra-High Isolation DC/DC Converters
MHI200GRI8 MPD-MHI200GRI8 Datasheet
484Kb / 2P
   Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
MHI300ARI6 MPD-MHI300ARI6 Datasheet
527Kb / 2P
   Compact, 3W DIP Ultra-High Isolation DC/DC Converters
MR1011S MPD-MR1011S Datasheet
720Kb / 4P
   Ultra-Wide Input, 10W Compact, Railway DC/DC Converters
G200I MPD-G200I Datasheet
77Kb / 2P
   Compact MiniDIP, 2W High Isolation DC/DC Converters
logo
Artesyn Technologies
CXA10 ARTESYN-CXA10 Datasheet
50Kb / 2P
   10W DC/DC Converters
logo
Toppower Electronic Tec...
TP10AC TOPPOWER-TP10AC Datasheet
245Kb / 3P
   10W 4KV Isolation Wide Input AC/DC Converters
TP10AC TOPPOWER-TP10AC_V01 Datasheet
811Kb / 3P
   10W 4KVAC Isolation Wide Input AC/DC Converters
logo
MicroPower Direct, LLC
E100EI MPD-E100EI Datasheet
266Kb / 2P
   1W, High Isolation Ultra-Miniature SIP DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com