Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHI348D-15ARWI8 Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MHI348D-15ARWI8
Description  Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MHI348D-15ARWI8 Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MHI348D-15ARWI8 Datasheet HTML 1Page - MicroPower Direct, LLC MHI348D-15ARWI8 Datasheet HTML 2Page - MicroPower Direct, LLC MHI348D-15ARWI8 Datasheet HTML 3Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Mechanical Dimensions
Pin
Single Output
1+VIN
11
No Pin
12
-VOUT
13
+VOUT
15
No Pin
23
-VIN
24
-VIN
Pin Connections
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Pin
Dual Output
1+VIN
11
Common
12
No Pin
13
-VOUT
15
+VOUT
23
-VIN
24
-VIN
Product Family
Power
Input Range
Inputs (VDC)
Isolation
CMTI
Outputs (VDC)
EN 60950
Package
MHI100DI5.7
1W
±10%
5, 12, 15, 24
60S - 5,200 VDC
15 kV/µS
3.3, 5, 9, 12, 15
±5, ±9, ±12, ±15,
+15/-9
---
7 Pin-SIP
1S - 5,700 VDC
MHI200DI5.7
2W
±10%
5, 12, 15, 24
60S - 5,200 VDC
15 kV/µS
3.3, 5, 9, 12, 15
±5, ±9, ±12, ±15,
+15/-9
---
7 Pin-SIP
1S - 5,700 VDC
MHI200GRI8
2W
±10%
5, 12, 24
60S - 4,000 VAC rms
15 kV/µS
5, 12, 15
±12, ±15
Yes
MiniDIP
1S - 8,000 VDC
MHI200LRI8
2W
±10%
5, 12, 24
60S - 4,000 VAC rms
15 kV/µS
5, 12, 15
±12, ±15
Yes
SMT
1S - 8,000 VDC
MHI300ARI6
3W
±10%
5, 12, 24
60S - 3,000 VAC rms
15 kV/µS
5, 12, 15
±12, ±15
Yes
DIP
1S - 6,000 VDC
MHI300ARWI8
3W
2:1
5, 12, 24, 48
60S - 4,000 VAC rms
15 kV/µS
5, 12, 24
±12, ±15
Yes
DIP
1S - 8,000 VDC
MHI300ARUI8
3W
4:1
24, 48
60S - 4,000 VAC rms
15 kV/µS
5, 12
±12, ±15
Yes
DIP
1S - 8,000 VDC
MHI600ARWI8
6W
2:1
12, 24, 48
60S - 4,000 VAC rms
15 kV/µS
5, 12
±12, ±15
Yes
DIP
1S - 8,000 VDC
MHI1000BRWI8
10W
2:1
12, 24, 48
60S - 4,000 VAC rms
15 kV/µS
5, 5.1, 12
±12, ±15
Yes
1” x 2”
1S - 8,000 VDC
MHI1500BRWI8
15W
2:1
12, 24, 48
60S - 4,200 VAC rms
15 kV/µS
5, 5.1, 12
±12, ±15
Yes
1” x 2”
1S - 8,000 VDC
MHI2000BRWI8
20W
2:1
12, 24, 48
60S - 4,200 VAC rms
15 kV/µS
5, 5.1, 12
±12, ±15
Yes
1” x 2”
1S - 8,000 VDC
MHI Products: MPD offers a wide range products well suited for applications requiring high isolation levels & high transient immunity.


Similar Part No. - MHI348D-15ARWI8

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI348D-15ARUI8 MPD-MHI348D-15ARUI8 Datasheet
524Kb / 2P
   Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
More results

Similar Description - MHI348D-15ARWI8

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI300ARUI8 MPD-MHI300ARUI8 Datasheet
524Kb / 2P
   Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
A300RUI MPD-A300RUI Datasheet
89Kb / 2P
   3W, Ultra-Wide Input High Isolation DC/DC Converters
MHI600ARWI8 MPD-MHI600ARWI8 Datasheet
545Kb / 2P
   Wide Input, 6W DIP Ultra-High Isolation DC/DC Converters
MHI300ARI6 MPD-MHI300ARI6 Datasheet
527Kb / 2P
   Compact, 3W DIP Ultra-High Isolation DC/DC Converters
MH300RW MPD-MH300RW Datasheet
403Kb / 2P
   Wide Input, 3W Ultra-Miniature DC/DC Converters
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW2000 MINMAX-MIHW2000 Datasheet
180Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP03AA TOPPOWER-TP03AA_17 Datasheet
470Kb / 4P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_17 Datasheet
525Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com