Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI2524S-05RU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MI2524S-05RU
Description  Compact, 25W, 4:1 Input Range DC/DC Con vert ers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MI2524S-05RU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MI2524S-05RU Datasheet HTML 1Page - MicroPower Direct, LLC MI2524S-05RU Datasheet HTML 2Page - MicroPower Direct, LLC MI2524S-05RU Datasheet HTML 3Page - MicroPower Direct, LLC MI2524S-05RU Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
www.micropowerdirect.com
Notes:
1. Start up time is measured at nominal input and with a constant resistive load.
2. When measuring output ripple, it is recommended that an external 1 µF capacitor and 10 µF capacitor
be connected in parallel from the +VOUT to the -VOUT pin for single output unis; or from each output to
common for dual output units..
3. Transient recovery is measured to within a 1% error band for a load step change of 25%.
4. Short circuit protection is provided by a “hiccup mode” circuit.
5. Operation at no-load will not damage these units.
6. It is recommended that a fuse be used on the input of a power supply for protection. See the Model
Selection table above for the correct rating.
An external resister may be added to adjust the converter
output on single output units.
To adjust the output UP, connect a 5%, 3W resistor
between the minus output pin (5) and the Vout trim
pin (6). To adjust the output DOWN, connect a 5%, 3W
resistor between the plus output pin (4) and the Vout
trim pin (6).
The trim table at left gives suggested resistor values
for this adjustment.
External Trim
For heatsink option, add suffix “H” to model number (i.e. MI2548S-05RU-H)
Model
Number
Input
Output
Efficiency
(%, Typ)
Over
Voltage
Protection
(VDC)
Capacitive
Load
(µF Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MI2524S-03RU
24
9.0 - 36.0
950
85
3.3
6,000
0.0
87
3.9
10,300
5,000
MI2524S-05RU
24
9.0 - 36.0
1,170
85
5.0
5,000
0.0
89
6.2
6,800
5,000
MI2524S-12RU
24
9.0 - 36.0
1,175
85
12.0
2,090
0.0
89
15.0
1,200
5,000
MI2524S-15RU
24
9.0 - 36.0
1,160
85
15.0
1,670
0.0
90
18.0
750
5,000
MI2524D-12RU
24
9.0 - 36.0
1,170
85
±12.0
±1,040
0.0
89
±15.0
±680
5,000
MI2524D-15RU
24
9.0 - 36.0
1,180
85
±15.0
±840
0.0
89
±18.0
±380
5,000
MI2548S-03RU
48
18.0 - 75.0
470
45
3.3
6,000
0.0
88
3.9
10,300
2,500
MI2548S-05RU
48
18.0 - 75.0
580
45
5.0
5,000
0.0
90
6.2
6,800
2,500
MI2548S-12RU
48
18.0 - 75.0
580
45
12.0
2,090
0.0
90
15.0
1,200
2,500
MI2548S-15RU
48
18.0 - 75.0
580
45
15.0
1,670
0.0
90
18.0
750
2,500
MI2548D-12RU
48
18.0 - 75.0
585
45
±12.0
±1,040
0.0
89
±15.0
±680
2,500
MI2548D-15RU
48
18.0 - 75.0
590
45
±15.0
±840
0.0
89
±18.0
±380
2,500
MI25xxS-03RU
Trim Down
Vout
VO x 0.99 VO x 0.98 VO x 0.97 VO x 0.96 VO x 0.95 VO x 0.94 VO x 0.93 VO x 0.92 VO x 0.91 VO x 0.90
Volts
RDOWN
72.61
32.55
19.20
12.52
8.51
5.84
3.94
2.51
1.39
0.50
k
Trim Up
Vout
VO x 1.01 VO x 1.02 VO x 1.03 VO x 1.04 VO x 1.05 VO x 1.06 VO x 1.07 VO x 1.08 VO x 1.09 VO x 1.10
Volts
RUP
60.84
27.40
16.25
10.68
7.34
5.11
3.51
2.32
1.39
0.65
k
MI25xxS-05RU
Trim Down
Vout
VO x 0.99 VO x 0.98 VO x 0.97 VO x 0.96 VO x 0.95 VO x 0.94 VO x 0.93 VO x 0.92 VO x 0.91 VO x 0.90
Volts
RDOWN
138.88
62.41
36.92
24.18
16.53
11.44
7.79
5.06
2.94
1.24
k
Trim Up
Vout
VO x 1.01 VO x 1.02 VO x 1.03 VO x 1.04 VO x 1.05 VO x 1.06 VO x 1.07 VO x 1.08 VO x 1.09 VO x 1.10
Volts
RUP
106.87
47.76
28.06
18.21
12.30
8.36
5.55
3.44
1.79
0.48
k
MI25xxS-12RU
Trim Down
Vout
VO x 0.99 VO x 0.98 VO x 0.97 VO x 0.96 VO x 0.95 VO x 0.94 VO x 0.93 VO x 0.92 VO x 0.91 VO x 0.90
Volts
RDOWN
413.55
184.55
108.22
70.05
47.15
31.88
20.98
12.80
6.44
1.35
k
Trim Up
Vout
VO x 1.01 VO x 1.02 VO x 1.03 VO x 1.04 VO x 1.05 VO x 1.06 VO x 1.07 VO x 1.08 VO x 1.09 VO x 1.10
Volts
RUP
351.00
157.50
93.00
60.75
41.40
28.50
19.29
12.37
7.00
2.70
k
MB25xxS-15RU
Trim Down
Vout
VO x 0.99 VO x 0.98 VO x 0.97 VO x 0.96 VO x 0.95 VO x 0.94 VO x 0.93 VO x 0.92 VO x 0.91 VO x 0.90
Volts
RDOWN
530.73
238.61
141.24
92.56
63.35
43.87
29.96
19.53
11.41
4.92
k
Trim Up
Vout
VO x 1.01 VO x 1.02 VO x 1.03 VO x 1.04 VO x 1.05 VO x 1.06 VO x 1.07 VO x 1.08 VO x 1.09 VO x 1.10
Volts
RUP
422.77
189.89
112.26
73.44
50.15
34.63
23.54
15.22
8.75
3.58
k


Similar Part No. - MI2524S-05RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MI2524S-05RU(-H) MPD-MI2524S-05RU(-H) Datasheet
852Kb / 7P
   Compact, 1 x 1 Inch 25W, 4:1 Input Range DC/DC Con vert ers
More results

Similar Description - MI2524S-05RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MI2500RU MPD-MI2500RU_17 Datasheet
852Kb / 7P
   Compact, 1 x 1 Inch 25W, 4:1 Input Range DC/DC Con vert ers
MI2500RW MPD-MI2500RW_17 Datasheet
924Kb / 8P
   Compact, 1 x 1 Inch 25W, 2:1 Input Range DC/DC Con vert ers
MC2500XRW MPD-MC2500XRW Datasheet
569Kb / 2P
   High Performance, 25W Wide Input Range DC/DC Con vert ers
MG600RU MPD-MG600RU Datasheet
462Kb / 2P
   Compact, 6W 4:1 Input, MiniDIP DC/DC Con vert ers
B2000RU MPD-B2000RU Datasheet
275Kb / 4P
   4:1 Input Range, 20W Single & Dual Output DC/DC Con vert ers
MA1500RU MPD-MA1500RU Datasheet
347Kb / 3P
   4:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
B2000RW MPD-B2000RW Datasheet
261Kb / 2P
   Compact 1 x 2 Inch 20W Wide Input Range DC/DC Con vert ers
MA800RU MPD-MA800RU Datasheet
361Kb / 3P
   4:1 Input Range, 8W Single & Dual Output DC/DC Con vert ers
MA1000RU MPD-MA1000RU Datasheet
354Kb / 3P
   4:1 Input Range, 10W Single & Dual Output DC/DC Con vert ers
ML300RU MPD-ML300RU Datasheet
687Kb / 2P
   Ultra-Compact, 3W Wide 4:1 Input, SMT DC/DC Con vert ers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com