Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5622 Datasheet(PDF) 9 Page - Texas Instruments

Part # CLC5622
Description  Dual, High Output, Video Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC5622 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CLC5622 Datasheet HTML 5Page - Texas Instruments CLC5622 Datasheet HTML 6Page - Texas Instruments CLC5622 Datasheet HTML 7Page - Texas Instruments CLC5622 Datasheet HTML 8Page - Texas Instruments CLC5622 Datasheet HTML 9Page - Texas Instruments CLC5622 Datasheet HTML 10Page - Texas Instruments CLC5622 Datasheet HTML 11Page - Texas Instruments CLC5622 Datasheet HTML 12Page - Texas Instruments CLC5622 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
OBSOLETE
CLC5622
www.ti.com
SNOS907D – AUGUST 2000 – REVISED APRIL 2013
±5V TYPICAL PERFORMANCE
(AV = +2, Rf = 750Ω, RL = 100Ω, VCC = ±5V, unless specified)
Frequency Response
Inverting Frequency Response
Figure 17.
Figure 18.
Frequency Response vs. RL
Frequency Response vs. VO
Figure 19.
Figure 20.
Gain Flatness & Linear Phase
Small Signal Pulse Response
Figure 21.
Figure 22.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CLC5622


Similar Part No. - CLC5622

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5622 NSC-CLC5622 Datasheet
180Kb / 12P
   Dual, High Output, Video Amplifier
CLC5622IM NSC-CLC5622IM Datasheet
180Kb / 12P
   Dual, High Output, Video Amplifier
CLC5622IMX NSC-CLC5622IMX Datasheet
180Kb / 12P
   Dual, High Output, Video Amplifier
CLC5622IN NSC-CLC5622IN Datasheet
180Kb / 12P
   Dual, High Output, Video Amplifier
More results

Similar Description - CLC5622

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5602 NSC-CLC5602 Datasheet
182Kb / 12P
   Dual, High Output, Video Amplifier
CLC5622 NSC-CLC5622 Datasheet
180Kb / 12P
   Dual, High Output, Video Amplifier
CLC5623 NSC-CLC5623 Datasheet
182Kb / 12P
   Triple, High Output, Video Amplifier
logo
NXP Semiconductors
TDA6101Q PHILIPS-TDA6101Q Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6111Q PHILIPS-TDA6111Q Datasheet
78Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6106Q PHILIPS-TDA6106Q Datasheet
111Kb / 12P
   Video output amplifier
1997 Mar 03
TDA6120Q PHILIPS-TDA6120Q Datasheet
117Kb / 16P
   Video output amplifier
1997 Aug 27
logo
Analog Devices
AD8023 AD-AD8023 Datasheet
553Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
AD8023ARZ AD-AD8023ARZ Datasheet
555Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
AD8023 AD-AD8023_15 Datasheet
555Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com