Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP76T03AGMT-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP76T03AGMT-HF
Description  SO-8 Compatible with Heatsink
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP76T03AGMT-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP76T03AGMT-HF_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP76T03AGMT-HF_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP76T03AGMT-HF_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP76T03AGMT-HF_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP76T03AGMT-HF_16 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AP76T03AGMT-HF
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
0
40
80
120
160
02
46
8
10
V DS , Drain-to-Source Voltage (V)
10V
7.0V
6.0V
5.0V
V G = 4.0V
T C =25
o C
0
20
40
60
80
100
02468
10
V DS , Drain-to-Source Voltage (V)
T C = 150
o C
10V
7.0V
6.0V
5.0V
V G = 4.0V
5.5
6.5
7.5
8.5
9.5
24
68
10
V GS , Gate-to-Source Voltage (V)
I D =20 A
T C =25
o C
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =20A
V G =10V
0.0
0.4
0.8
1.2
1.6
2.0
-50
0
50
100
150
T j , Junction Temperature (
o C)
0
4
8
12
16
20
0
0.2
0.4
0.6
0.8
1
1.2
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
I D =250uA


Similar Part No. - AP76T03AGMT-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP76T03AGMT-HF A-POWER-AP76T03AGMT-HF_14 Datasheet
58Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP76T03AGMT-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2RA04GMT-HF A-POWER-AP2RA04GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP0503GMT-HF A-POWER-AP0503GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP0504GMT-HF A-POWER-AP0504GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP93T03AGMT-HF A-POWER-AP93T03AGMT-HF_16 Datasheet
68Kb / 5P
   SO-8 Compatible with Heatsink
AP92U03GMT-HF A-POWER-AP92U03GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP1RA03GMT-HF A-POWER-AP1RA03GMT-HF_16 Datasheet
53Kb / 5P
   SO-8 Compatible with Heatsink
AP9990GMT-HF A-POWER-AP9990GMT-HF_16 Datasheet
61Kb / 5P
   SO-8 Compatible with Heatsink
AP0704GMT-HF A-POWER-AP0704GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP0203GMT-HF A-POWER-AP0203GMT-HF_16 Datasheet
102Kb / 5P
   SO-8 Compatible with Heatsink
AP94T07GMT-HF A-POWER-AP94T07GMT-HF_16 Datasheet
50Kb / 5P
   SO-8 Compatible with Heatsink
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com