Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2060A Datasheet(PDF) 3 Page - Applied Micro Circuits Corporation

Part # S2060A
Description  GIGABIT ETHERNET TRANSCEIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2060A Datasheet(HTML) 3 Page - Applied Micro Circuits Corporation

  S2060A Datasheet HTML 1Page - Applied Micro Circuits Corporation S2060A Datasheet HTML 2Page - Applied Micro Circuits Corporation S2060A Datasheet HTML 3Page - Applied Micro Circuits Corporation S2060A Datasheet HTML 4Page - Applied Micro Circuits Corporation S2060A Datasheet HTML 5Page - Applied Micro Circuits Corporation S2060A Datasheet HTML 6Page - Applied Micro Circuits Corporation S2060A Datasheet HTML 7Page - Applied Micro Circuits Corporation S2060A Datasheet HTML 8Page - Applied Micro Circuits Corporation S2060A Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
S2060
GIGABIT ETHERNET TRANSCEIVER
March 7, 2001 / Revision H
TRANSMITTER DESCRIPTION
The S2060 transmitter accepts 10-bit parallel input
data and serializes it for transmission over fiber optic
or coaxial cable media. The chip is fully compatible
with the IEEE 802.3z Gigabit Ethernet standard, and
supports the Gigabit Ethernet data rate of 1250.0
Mbps. The S2060 uses a PLL to generate the serial
rate transmit clock. The transmitter runs at 10 times
the TBC input clock, and operates in either full rate
or half rate mode. At the full VCO rate the transmitter
runs at 1.25 GHz, while in half rate mode it operates
at 625 MHz.
Parallel-to-Serial Conversion
The parallel-to-serial converter takes in 10-bit wide
data from the input latch and converts it to a serial
data stream. Parallel data is latched into the trans-
mitter on the positive going edge of TBC. The data is
then clocked into the serial output shift register. The
shift register is clocked by the internally generated
bit clock which is 10x the TBC input frequency. TX[0]
is transmitted first.
Transmit Byte Clock (TBC)
The Transmit Byte Clock input (TBC) must be sup-
plied from a clock source with 100 ppm tolerance to
assure that the transmitted data meets the Gigabit
Ethernet frequency limits. The internal serial clock is
frequency locked to TBC (125.00 MHz).
TBC may be 62.5 MHz or 125 MHz, determined by
the state of the RATEN input. Operating rates are
shown in Table 2.
Transmit Latency
The average transmit latency is 4 byte times.
N
E
T
A
R
t
u
p
n
I
l
e
l
l
a
r
a
P
)
s
p
b
M
(
e
t
a
R)
s
p
b
M
(
e
t
a
R
)
s
p
b
M
(
e
t
a
R
)
s
p
b
M
(
e
t
a
R)
s
p
b
M
(
e
t
a
R
y
c
n
e
u
q
e
r
F
C
B
T
)
z
H
M
()
z
H
M
(
)
z
H
M
(
)
z
H
M
()
z
H
M
(
t
u
p
t
u
O
l
a
i
r
e
S
)
s
p
b
G
(
e
t
a
R)
s
p
b
G
(
e
t
a
R
)
s
p
b
G
(
e
t
a
R
)
s
p
b
G
(
e
t
a
R)
s
p
b
G
(
e
t
a
R
05
2
15
2
15
2
.
1
15
.
2
65
.
2
65
2
6
.
0
Table 2. Operating Rates


Similar Part No. - S2060A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S2060 MICROSEMI-S2060 Datasheet
112Kb / 3P
   Silicon Power Rectifier
S2060 MICROSEMI-S2060 Datasheet
148Kb / 2P
   SILICON POWER RECTIFIER
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
38Kb / 2P
   GPON Transceiver With CDR
logo
Microsemi Corporation
S2060 MICROSEMI-S2060 Datasheet
143Kb / 2P
   Silicon Power Rectifier
More results

Similar Description - S2060A

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
   Gigabit Ethernet Transceiver Macrocell
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
   Gigabit Ethernet Transceiver Chip
logo
Texas Instruments
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201B TI1-TNETE2201B_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com