Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA8515-16MU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATMEGA8515-16MU
Description  8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
Download  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8515-16MU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATMEGA8515-16MU Datasheet HTML 7Page - ATMEL Corporation ATMEGA8515-16MU Datasheet HTML 8Page - ATMEL Corporation ATMEGA8515-16MU Datasheet HTML 9Page - ATMEL Corporation ATMEGA8515-16MU Datasheet HTML 10Page - ATMEL Corporation ATMEGA8515-16MU Datasheet HTML 11Page - ATMEL Corporation ATMEGA8515-16MU Datasheet HTML 12Page - ATMEL Corporation ATMEGA8515-16MU Datasheet HTML 13Page - ATMEL Corporation ATMEGA8515-16MU Datasheet HTML 14Page - ATMEL Corporation ATMEGA8515-16MU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 254 page
background image
11
ATmega8515(L)
2512G–AVR–03/05
The X-register, Y-register, and
Z-register
The registers R26..R31 have some added functions to their general purpose usage.
These registers are 16-bit address pointers for indirect addressing of the Data Space.
The three indirect address registers X, Y, and Z are defined as described in Figure 5.
Figure 5. The X-, Y-, and Z-registers
In the different addressing modes these address registers have functions as fixed dis-
placement, automatic increment, and automatic decrement (see the Instruction Set
reference for details).
Stack Pointer
The Stack is mainly used for storing temporary data, for storing local variables and for
storing return addresses after interrupts and subroutine calls. The Stack Pointer Regis-
ter always points to the top of the Stack. Note that the Stack is implemented as growing
from higher memory locations to lower memory locations. This implies that a Stack
PUSH command decreases the Stack Pointer.
The Stack Pointer points to the data SRAM Stack area where the Subroutine and Inter-
rupt Stacks are located. This Stack space in the data SRAM must be defined by the
program before any subroutine calls are executed or interrupts are enabled. The Stack
Pointer must be set to point above $60. The Stack Pointer is decremented by one when
data is pushed onto the Stack with the PUSH instruction, and it is decremented by two
when the return address is pushed onto the Stack with subroutine call or interrupt. The
Stack Pointer is incremented by one when data is popped from the Stack with the POP
instruction, and it is incremented by two when address is popped from the Stack with
return from subroutine RET or return from interrupt RETI.
The AVR Stack Pointer is implemented as two 8-bit registers in the I/O space. The num-
ber of bits actually used is implementation dependent. Note that the data space in some
implementations of the AVR architecture is so small that only SPL is needed. In this
case, the SPH Register will not be present.
15
XH
XL
0
X-register
70
7
0
R27 ($1B)
R26 ($1A)
15
YH
YL
0
Y-register
70
7
0
R29 ($1D)
R28 ($1C)
15
ZH
ZL
0
Z-register
70
7
0
R31 ($1F)
R30 ($1E)
Bit
151413
1211
10
9
8
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
SPH
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
SPL
765
432
10
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
000
000
00


Similar Part No. - ATMEGA8515-16MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8515-16MU ATMEL-ATMEGA8515-16MU Datasheet
235Kb / 21P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515-16MU ATMEL-ATMEGA8515-16MU Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8515-16MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM81 ATMEL-AT90PWM81 Datasheet
5Mb / 325P
   8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash
ATTINY828 ATMEL-ATTINY828_14 Datasheet
772Kb / 20P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8 Datasheet
5Mb / 303P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24 Datasheet
4Mb / 238P
   8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com