Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC537-1C-12S-G-X Datasheet(PDF) 1 Page - Picker Components

Part # PC537-1C-12S-G-X
Description  Ultraminiature 30 Amp Automotive PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC537-1C-12S-G-X Datasheet(HTML) 1 Page - Picker Components

  PC537-1C-12S-G-X Datasheet HTML 1Page - Picker Components PC537-1C-12S-G-X Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC537 Rev F 11/13/2015
1 of 2
Ultraminiature 30 Amp Automotive PCB Power Relay
PC537
CONTACT DATA
Material
AgSnO2, AgNi, AgSnO2+AU
Initial Contact Resistance
100 mΩ max @ 0.1 A, 6 VDC
Service Life
Mechanical
1 X 107 Operations
Electrical
1 X 105 Operations
FEATURES
 Ultra Miniature Design Very Light Weight
 1 A (SPST NO) and 1 C (SPDT) Contacts Forms Available
 Contact Switching Capacity Up to 100 A
 Sealed, Immersion Cleanable
 -40 to105 Degrees C Operation Temperature
 Constructed with UL Class F Materials
 Available as a Dual See PC593
 RoHS Compliant
CONTACT RATING* 14 VDC @ 25°C
Contact
1 Form A or 1 From C
Normally Open
Normally Closed
Rated Load (Resistive)
30 A/14 VDC
25 A/14 VDC
Max. Switching Current
Make 100 A
Break 30 A
Max. Switching Voltage
24 VDC
Max. Continuous Current
30 A
25 A
Max. Switching Power
420 W
Minimum Load
0.5 A @ 12 VDC
ORDERING INFORMATION
CHARACTERISTICS
Operate Time
3 ms typical
Release Time
1.5 ms typical
Insulation Resistance
100 MΩ min, at 500 VDC, 50% RH
Dielectric Strength
50 Hz 500 V between Coil and Contacts
50 Hz 500 V between Contacts
Shock Resistance
300 m/s2 6ms
Vibration Resistance
10 Hz - 500 Hz, DA 1.27 mm 60 m/s2
Power Consumption
0.55 W, 0.57 W
Terminal Strength
10N
Solderability
235 ºC ± 2°C 3 s ± 0.5 s
Operating Temperature Class F
- 40 to 105
°C
Storage Temperature
- 40°C to 155°C
Relative Humidity
85% at 40°C
Weight
4 grams
Example:
PC537
-1C
-12
S
-N
-X
Model: PC537
Contact Form: 1A or 1C
Coil Voltage: 10, 12, 24
Case Style: C: Dust Cover; S: Sealed
Contact Material: Nil: AgSnO2; N: AgNi; G: AgSnO2 + Au (Clad)
RoHS Compliant: -X
Box Quantity 2000: Inner Box 1000
*Note: At 24 VDC the Current Ratings are one half those listed for 14 VDC


Similar Part No. - PC537-1C-12S-G-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC537 PICKER-PC537 Datasheet
179Kb / 2P
   Ultraminiature Automotive PCB Power Relay
PC5371A-12C PICKER-PC5371A-12C Datasheet
179Kb / 2P
   Ultraminiature Automotive PCB Power Relay
PC5371A-12CC PICKER-PC5371A-12CC Datasheet
179Kb / 2P
   Ultraminiature Automotive PCB Power Relay
PC5371A-12CCS PICKER-PC5371A-12CCS Datasheet
179Kb / 2P
   Ultraminiature Automotive PCB Power Relay
PC5371A-12CN PICKER-PC5371A-12CN Datasheet
179Kb / 2P
   Ultraminiature Automotive PCB Power Relay
More results

Similar Description - PC537-1C-12S-G-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC537 PICKER-PC537_17 Datasheet
523Kb / 2P
   Ultraminiature 30 Amp Automotive PCB-Mounted Relay
PC537B PICKER-PC537B_17 Datasheet
523Kb / 2P
   Ultraminiature 20 Amp Automotive PCB Power Relay
PC565 PICKER-PC565 Datasheet
131Kb / 2P
   Ultraminiature Automotive PCB Power Relay
logo
DB Lectro Inc
HG4520 DBLECTRO-HG4520 Datasheet
41Kb / 2P
   Automotive Ultraminiature PCB Power Relay
logo
Picker Components
PC565 PICKER-PC565_17 Datasheet
349Kb / 2P
   Ultraminiature Automotive PCB Power Relay
PC537 PICKER-PC537 Datasheet
179Kb / 2P
   Ultraminiature Automotive PCB Power Relay
PC567 PICKER-PC567 Datasheet
156Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
PC549 PICKER-PC549_17 Datasheet
733Kb / 3P
   Ultraminiature Automotive PCB Twin Power Relay
PC549 PICKER-PC549 Datasheet
163Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
PC615 PICKER-PC615 Datasheet
178Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com