Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25810 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS25810
Description  TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25810 Datasheet(HTML) 5 Page - Texas Instruments

  TPS25810_15 Datasheet HTML 1Page - Texas Instruments TPS25810_15 Datasheet HTML 2Page - Texas Instruments TPS25810_15 Datasheet HTML 3Page - Texas Instruments TPS25810_15 Datasheet HTML 4Page - Texas Instruments TPS25810_15 Datasheet HTML 5Page - Texas Instruments TPS25810_15 Datasheet HTML 6Page - Texas Instruments TPS25810_15 Datasheet HTML 7Page - Texas Instruments TPS25810_15 Datasheet HTML 8Page - Texas Instruments TPS25810_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TPS25810
www.ti.com
SLVSCR1A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
6.4 Thermal Information
TPS25810
THERMAL METRIC(1)
RVC (WQFN)
UNIT
20 PINS
RθJA
Junction-to-ambient thermal resistance
39.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
43.4
°C/W
RθJB
Junction-to-board thermal resistance
13
°C/W
ψJT
Junction-to-top characterization parameter
0.7
°C/W
ψJB
Junction-to-board characterization parameter
13
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
–40°C
≤ TJ ≤ 125°C, 4.5 V ≤ VIN1 ≤ 6.5 V, 4.5 V ≤ VIN2 ≤ 5.5 V, 2.9 V ≤ VAUX ≤ 5.5 V; VEN = VCHG = VCHG_HI = VAUX, RREF = 100
k
Ω. Typical values are at 25°C. All voltages are with respect to GND. IOUT and IOS defined positive out of the indicated pin
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUT - POWER SWITCH
TJ = 25°C, IOUT = 3 A
34
37
RDS(on)
On resistance(1)
–40°C
≤ TJ ≤ 85°C, IOUT = 3 A
34
46
m
Ω
–40°C
≤ TJ ≤ 125°C, IOUT = 3 A
34
55
VOUT = 6.5 V, VIN1 = VEN = 0 V,
IREV
OUT to IN reverse leakage current –40°C
≤ TJ ≤ 85°C,
0
3
µA
IREV is current out of IN1 pin
OUT - CURRENT LIMIT
VCHG = 0 V or VCHG = VAUX and VCHG_HI = 0
1.58
1.7
1.82
V
IOS
Short circuit current limit (1)
A
VCHG = VAUX and VCHG_HI = VAUX
3.16
3.4
3.64
RREF = 10 Ω
7
OUT - DISCHARGE
VOUT = 4 V, UFP signature removed from
Discharge resistance
400
500
600
Ω
CC lines, time < tw_DCHG
VOUT = 4 V, No UFP signature on CC lines,
Bleed discharge resistance
100
150
250
k
Ω
time > tw_DCHG
REF
VO
Output voltage
0.78
0.8
0.82
V
IOS
Short circuit current
RREF = 10 Ω
9.5
15.3
µA
FAULT
VOL
Output low voltage
IFAULT = 1 mA
350
mV
IOFF
Off-state leakage
VFAULT = 5.5 V
1
µA
LD_DET
VOL
Output low voltage
ILD_DET = 1 mA
350
mV
IOFF
Off-state leakage
VLD_DET = 5.5 V
1
µA
OUT sourcing, rising threshold
ITH
1.8
1.95
2.1
A
current for load detect
Hysteresis(2)
125
mA
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
(2)
These parameters are provided for reference only and do not constitute part of TI’s published specifications for purposes of TI’s product
warranty.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS25810


Similar Part No. - TPS25810_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25810 TI1-TPS25810_16 Datasheet
1Mb / 38P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch with Load Detection
More results

Similar Description - TPS25810_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25810 TI1-TPS25810_16 Datasheet
1Mb / 38P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810-Q1 TI1-TPS25810-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
logo
Diodes Incorporated
AP25810LQ DIODES-AP25810LQ Datasheet
1Mb / 25P
   USB TYPE-C DFP CONTROLLER AND POWER SWITCH WITH LOAD DETECTION
October 2022 Rev. 3 - 2
logo
Texas Instruments
TPS25810A-Q1 TI1-TPS25810A-Q1 Datasheet
688Kb / 35P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Digital Cable Compensation
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
[Old version datasheet]   USB Type-C DFP Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com