Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS181RGZT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS181RGZT
Description  TMDS181x 6 Gbps TMDS Retimer
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181RGZT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMDS181RGZT Datasheet HTML 5Page - Texas Instruments TMDS181RGZT Datasheet HTML 6Page - Texas Instruments TMDS181RGZT Datasheet HTML 7Page - Texas Instruments TMDS181RGZT Datasheet HTML 8Page - Texas Instruments TMDS181RGZT Datasheet HTML 9Page - Texas Instruments TMDS181RGZT Datasheet HTML 10Page - Texas Instruments TMDS181RGZT Datasheet HTML 11Page - Texas Instruments TMDS181RGZT Datasheet HTML 12Page - Texas Instruments TMDS181RGZT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
TMDS181, TMDS181I
www.ti.com
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
6.7 TMDS Differential Output Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
Single-ended high level output
PRE_SEL = NC; TX_TERM_CTL = H; OE
voltage
VCC – 10
VCC + 10
= H; DR = 750 Mbps; VSadj = 7.06 k
Ω;
Data rate
≤1.65 Gbps
Single-ended high level output
voltage
PRE_SEL = NC; TX_TERM_CTL = NC;
VCC-200
VCC + 10
VOH
Data rate >1.65 Gbps and
OE = H; DR = 2.97 Gbps; VSadj = 7.06 k
Ω;
V
<3.4 Gbps
Single-ended high level output
voltage
PRE_SEL = NC; TX_TERM_CTL = L; OE
VCC – 400
VCC + 10
Data rate >3.4 Gbps and < 6
= H; DR = 6 Gbps; VSadj = 7.06 k
Ω;
Gbps(2)
Single-ended low level output
PRE_SEL = NC; TX_TERM_CTL = H; OE
voltage
VCC – 600
VCC – 400
= H; DR = 750 Mbps; VSadj = 7.06 k
Ω;
Data rate
≤1.65 Gbps
Single-ended low level output
voltage
PRE_SEL = NC; TX_TERM_CTL = NC;
VCC – 700
VCC – 400
VOL
Data rate >1.65 Gbps and
OE = H; DR = 2.97 Gbps; VSadj = 7.06 k
Ω;
V
<3.4 Gbps
Single-ended low level output
voltage
PRE_SEL = NC; TX_TERM_CTL = L; OE
VCC – 1000
VCC – 400
Data rate >3.4 Gbps and < 6
= H; DR = 6 Gbps; VSadj = 7.06 k
Ω;
Gbps(2)
PRE_SEL = NC; TX_TERM_CTL =
Single-ended output voltage
VSWING_DA
H/NC/L; OE = H; DR = 270 Mbps/2.97/6
400
500
600
mV
swing on data lane
Gbps VSadj = 7.06 k
Ω;
PRE_SEL = NC; TX_TERM_CTL = H; OE
= H; Data rate
≤ 3.4 Gbps; VSadj = 7.06
400
500
600
k
Ω;
Single-ended output voltage
VSWING_CLK
mV
swing on clock lane
PRE_SEL = NC; TX_TERM_CTL = NC;
OE = H; Data rate > 3.4 Gbps; VSadj =
200
300
400
7.06 k
Ω;
Change in single-end output
ΔVSWING
voltage swing per 100
Ω
20
mV
ΔVSadj
Change in steady state output
ΔVOCM(SS)
common mode voltage
–5
5
mV
between logic levels
Output differential voltage
VSADJ = 7.06 kΩ; PRE_SEL = NC see
VOD(PP)
800
1200
mV
before pre-emphasis
Figure 10
Steady state output differential VSADJ = 7.06 kΩ; PRE_SEL = L, see
VOD(SS)
600
1075
mV
voltage
Figure 11
3.4 Gbps < Rbit ≤ 3.712 Gps
TX_TERM_CTL = NC; PRE_SEL = NC;
335
OE = H; VSadj = 7.06 k
Ω;
Total TMDS data lanes output
–19.66 ×
3.712 Gbps < Rbit < 5.94 Gbps
differential voltage for
(Rbit
2) +
VOD_range
TX_TERM_CTL = NC; PRE_SEL = NC;
mV
HDMI2.0. Retimer Mode Only
(106.74 × Rbit)
OE = H; VSadj = 7.06 k
Ω;
See Figure 14
+ 209.58
5.94 Gbps
≤ Rbit ≤ 6.0 Gbps
TX_TERM_CTL = NC; PRE_SEL = NC;
150
OE = H; VSadj = 7.06 k
Ω;
IOS
Short-circuit current limit
Main link output shorted to GND
50
mA
Failsafe condition leakage
VCC = 0 V; VDD = 0 V; TMDS Outputs
ILEAK
45
μA
current
pulled to 3.3 V through 50
Ω resistor;
Source termination resistance
RTERM
75
150
for HDMI2.0
(1)
The typical rating is simulated at 3.3 V VCC and 1.2 V VDD and at 27°C unless otherwise noted
(2)
The maximum rating is simulated at 3.465 V VCC and 1.27 V VDD and at 85°C unless otherwise noted
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TMDS181 TMDS181I


Similar Part No. - TMDS181RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS181RGZT TI1-TMDS181RGZT Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
More results

Similar Description - TMDS181RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
TDP158 TI1-TDP158 Datasheet
1Mb / 55P
[Old version datasheet]   6-Gbps, AC-Coupled to TMDS or HDMI Redriver
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
DS250DF410 TI1-DS250DF410 Datasheet
351Kb / 10P
[Old version datasheet]   25 Gbps Multi-Rate 4-Channel Retimer
DS250DF210 TI1-DS250DF210 Datasheet
899Kb / 12P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com