Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP4791CZ12 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # IP4791CZ12
Description  HDMI ESD protection, level shifter and backdrive protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4791CZ12 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button IP4791CZ12_11 Datasheet HTML 7Page - NXP Semiconductors IP4791CZ12_11 Datasheet HTML 8Page - NXP Semiconductors IP4791CZ12_11 Datasheet HTML 9Page - NXP Semiconductors IP4791CZ12_11 Datasheet HTML 10Page - NXP Semiconductors IP4791CZ12_11 Datasheet HTML 11Page - NXP Semiconductors IP4791CZ12_11 Datasheet HTML 12Page - NXP Semiconductors IP4791CZ12_11 Datasheet HTML 13Page - NXP Semiconductors IP4791CZ12_11 Datasheet HTML 14Page - NXP Semiconductors IP4791CZ12_11 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
IP4791CZ12
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 7 January 2011
11 of 17
NXP Semiconductors
IP4791CZ12
HDMI ESD protection, level shifter and backdrive protection
12. Soldering of SMD packages
This text provides a very brief insight into a complex technology. A more in-depth account
of soldering ICs can be found in Application Note AN10365 “Surface mount reflow
soldering description”.
12.1 Introduction to soldering
Soldering is one of the most common methods through which packages are attached to
Printed Circuit Boards (PCBs), to form electrical circuits. The soldered joint provides both
the mechanical and the electrical connection. There is no single soldering method that is
ideal for all IC packages. Wave soldering is often preferred when through-hole and
Surface Mount Devices (SMDs) are mixed on one printed wiring board; however, it is not
suitable for fine pitch SMDs. Reflow soldering is ideal for the small pitches and high
densities that come with increased miniaturization.
12.2 Wave and reflow soldering
Wave soldering is a joining technology in which the joints are made by solder coming from
a standing wave of liquid solder. The wave soldering process is suitable for the following:
Through-hole components
Leaded or leadless SMDs, which are glued to the surface of the printed circuit board
Not all SMDs can be wave soldered. Packages with solder balls, and some leadless
packages which have solder lands underneath the body, cannot be wave soldered. Also,
leaded SMDs with leads having a pitch smaller than ~0.6 mm cannot be wave soldered,
due to an increased probability of bridging.
The reflow soldering process involves applying solder paste to a board, followed by
component placement and exposure to a temperature profile. Leaded packages,
packages with solder balls, and leadless packages are all reflow solderable.
Key characteristics in both wave and reflow soldering are:
Board specifications, including the board finish, solder masks and vias
Package footprints, including solder thieves and orientation
The moisture sensitivity level of the packages
Package placement
Inspection and repair
Lead-free soldering versus SnPb soldering
12.3 Wave soldering
Key characteristics in wave soldering are:
Process issues, such as application of adhesive and flux, clinching of leads, board
transport, the solder wave parameters, and the time during which components are
exposed to the wave
Solder bath specifications, including temperature and impurities


Similar Part No. - IP4791CZ12_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4790CZ38 NXP-IP4790CZ38 Datasheet
75Kb / 11P
   DisplayPort protection
Rev. 01-14 July 2008
More results

Similar Description - IP4791CZ12_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4776CZ38 PHILIPS-IP4776CZ38 Datasheet
104Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 02-18 September 2006
IP4776CZ38 NXP-IP4776CZ38 Datasheet
114Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 04-12 June 2007
IP4776CZ38 NXP-IP4776CZ38_11 Datasheet
167Kb / 15P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 6-7 January 2011
IP4777CZ38 PHILIPS-IP4777CZ38 Datasheet
129Kb / 25P
   DVI and HDMI interface ESD protection, DDC buffering, hot plug control and backdrive protection
Rev. 02-12 February 2009
logo
Nexperia B.V. All right...
IP4787CZ32 NEXPERIA-IP4787CZ32 Datasheet
1Mb / 36P
   DVI and HDMI interface ESD protection, DDC/CEC buffering, hot plug handling and backdrive protection
logo
ON Semiconductor
CM1223 ONSEMI-CM1223_12 Datasheet
335Kb / 13P
   Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
logo
Nexperia B.V. All right...
IP4786CZ32S NEXPERIA-IP4786CZ32S Datasheet
1Mb / 36P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
logo
NXP Semiconductors
IP4788CZ32 NXP-IP4788CZ32_14 Datasheet
1Mb / 33P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
Rev. 2-24 November 2014
logo
ON Semiconductor
CM1223 ONSEMI-CM1223 Datasheet
599Kb / 19P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
April 2010 ??Rev.4
logo
California Micro Device...
CM1223 CALMIRCO-CM1223 Datasheet
626Kb / 13P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com