Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP14A0153 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP14A0153
Description  1.5A Dual MOSFET Driver with Low Threshold Input And Enable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14A0153 Datasheet(HTML) 5 Page - Microchip Technology

  MCP14A0153 Datasheet HTML 1Page - Microchip Technology MCP14A0153 Datasheet HTML 2Page - Microchip Technology MCP14A0153 Datasheet HTML 3Page - Microchip Technology MCP14A0153 Datasheet HTML 4Page - Microchip Technology MCP14A0153 Datasheet HTML 5Page - Microchip Technology MCP14A0153 Datasheet HTML 6Page - Microchip Technology MCP14A0153 Datasheet HTML 7Page - Microchip Technology MCP14A0153 Datasheet HTML 8Page - Microchip Technology MCP14A0153 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
 2015 Microchip Technology Inc.
DS20005470A-page 5
MCP14A0153/4/5
Switching Time (Note 1)
Rise Time
tR
—14
21
ns
VDD =18V, CL =1000 pF,
TA = +125°C, see Figure 4-1,
Figure 4-2
Fall Time
tF
—13
20
ns
VDD =18V, CL =1000 pF,
TA = +125°C, see Figure 4-1,
Figure 4-2
Delay Time
tD1
—28
35
ns
VDD =18V, VIN =5V, TA = +125°C,
see Figure 4-1, Figure 4-2
tD2
—27
34
VDD =18V, VIN =5V, TA = +125°C,
see Figure 4-1, Figure 4-2
Power Supply
Supply Voltage
VDD
4.5
18
V
Power Supply Current
IDD
1520
µA
VIN =3V, VEN = 3V
IDD
1560
µA
VIN =0V, VEN = 3V
IDD
1560
µA
VIN =3V, VEN = 0V
IDD
1600
µA
VIN =0V, VEN = 0V
TEMPERATURE CHARACTERISTICS
Electrical Specifications:
Unless otherwise noted, all parameters apply with 4.5V
 VDD  18V.
Parameter
Sym.
Min.
Typ.
Max. Units
Comments
Temperature Ranges
Specified Temperature Range
TA
-40
+125
°C
Maximum Junction Temperature
TJ
——
+150
°C
Storage Temperature Range
TA
-65
+150
°C
Package Thermal Information
Junction-to-Ambient Thermal Resistance, 8LD MSOP
JA
—158
°C/W Note 1
Junction-to-Ambient Thermal Resistance, 8LD SOIC
JA
—99.8—
°C/W Note 1
Junction-to-Ambient Thermal Resistance, 8LD TDFN
JA
—53.7—
°C/W Note 1
Junction-to-Top Characterization Parameter, 8LD MSOP
JT
—2.4
°C/W Note 1
Junction-to-Top Characterization Parameter, 8LD SOIC
JT
—5.9
°C/W Note 1
Junction-to-Top Characterization Parameter, 8LD TDFN
JT
—0.5
°C/W Note 1
Junction-to-Board Characterization Parameter, 8LD MSOP
JB
—115.2
—°C/W Note 1
Junction-to-Board Characterization Parameter, 8LD SOIC
JB
—64.8—
°C/W Note 1
Junction-to-Board Characterization Parameter, 8LD TDFN
JB
—24.4—
°C/W Note 1
Note 1:
Parameter is determined using a High K 2S2P 4-Layer board as described in JESD 51-7, as well as
JESD 51-5 for packages with exposed pads.
DC CHARACTERISTICS (OVER OPERATING TEMPERATURE RANGE) (Note 1)
Electrical Specifications:
Unless otherwise indicated, over the operating range with 4.5V
 VDD  18V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Tested during characterization, not production tested.


Similar Part No. - MCP14A0153

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP14A0153-E/MS MICROCHIP-MCP14A0153-E/MS Datasheet
776Kb / 30P
   1.5A Dual MOSFET Driver with Low Threshold Input And Enable
07/14/15
MCP14A0153T-E/MS MICROCHIP-MCP14A0153T-E/MS Datasheet
776Kb / 30P
   1.5A Dual MOSFET Driver with Low Threshold Input And Enable
07/14/15
MCP14A0153 MICROCHIP-MCP14A0153_15 Datasheet
776Kb / 30P
   1.5A Dual MOSFET Driver with Low Threshold Input And Enable
07/14/15
More results

Similar Description - MCP14A0153

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP14A0153 MICROCHIP-MCP14A0153_15 Datasheet
776Kb / 30P
   1.5A Dual MOSFET Driver with Low Threshold Input And Enable
07/14/15
MCP14A0151 MICROCHIP-MCP14A0151 Datasheet
560Kb / 24P
   1.5A MOSFET Driver with Low Threshold Input And Enable
03/25/14
MCP14A0303 MICROCHIP-MCP14A0303 Datasheet
877Kb / 34P
   3A Dual MOSFET Driver with Low Threshold Input and Enable
Revision A June 2018
MCP14A0051 MICROCHIP-MCP14A0051 Datasheet
540Kb / 24P
   0.5A MOSFET Driver With Low Threshold Input And Enable
03/25/14
MCP14A0051 MICROCHIP-MCP14A0051_V01 Datasheet
671Kb / 24P
   0.5A MOSFET Driver with Low Threshold Input and Enable
Revision B (May 2022)
logo
Advanced Monolithic Sys...
AMS4123 ADMOS-AMS4123 Datasheet
590Kb / 18P
   Dual Threshold Enable
logo
Global Mixed-mode Techn...
G965 GMT-G965 Datasheet
400Kb / 8P
   1.5A Low Dropout Regulator with Enable
G965 GMT-G965_07 Datasheet
498Kb / 9P
   1.5A Low Dropout Regulator with Enable
logo
Taiwan Semiconductor Co...
TS39154 TSC-TS39154 Datasheet
350Kb / 7P
   1.5A Ultra Low LDO with Enable
logo
Global Mixed-mode Techn...
G9965 GMT-G9965 Datasheet
42Kb / 1P
   1.5A Low Dropout Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com