Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT139-600E Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BT139-600E
Description  BT139 series E Triacs; sensitive gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT139-600E Datasheet(HTML) 1 Page - NXP Semiconductors

  BT139-600E Datasheet HTML 1Page - NXP Semiconductors BT139-600E Datasheet HTML 2Page - NXP Semiconductors BT139-600E Datasheet HTML 3Page - NXP Semiconductors BT139-600E Datasheet HTML 4Page - NXP Semiconductors BT139-600E Datasheet HTML 5Page - NXP Semiconductors BT139-600E Datasheet HTML 6Page - NXP Semiconductors BT139-600E Datasheet HTML 7Page - NXP Semiconductors BT139-600E Datasheet HTML 8Page - NXP Semiconductors BT139-600E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
Passivated, sensitive gate triacs in a SOT78 (TO-220AB) plastic package.
1.2 Features
s High sensitivity in all four quadrants.
1.3 Applications
1.4 Quick reference data
2.
Pinning information
BT139 series E
Triacs; sensitive gate
Rev. 03 — 23 September 2004
Product data sheet
s General purpose bidirectional switching s Phase control.
s VDRM ≤ 600 V (BT139-600E)
s ITSM ≤ 155 A
s VDRM ≤ 800 V (BT139-800E)
s IGT ≤ 10 mA (T2+ G+; T2+ G−; T2− G−)
s IT(RMS) ≤ 16 A
s IGT ≤ 25 mA (T2− G+).
Table 1:
Pinning
Pin
Description
Simplified outline
Symbol
1
main terminal 1 (T1)
SOT78 (TO-220AB)
2
main terminal 2 (T2)
3
gate (G)
mb
mounting base, connected to main
terminal 2 (T2)
12
mb
3
sym051
T1
G
T2


Similar Part No. - BT139-600E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT139-600E PHILIPS-BT139-600E Datasheet
44Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
BT139-600E NXP-BT139-600E Datasheet
195Kb / 14P
   4Q Triac High blocking voltage capability
Rev. 04-24 February 2011
logo
Kersemi Electronic Co.,...
BT139-600E KERSEMI-BT139-600E Datasheet
762Kb / 4P
   Glass passivated triacs in a plastic
logo
Inchange Semiconductor ...
BT139-600E ISC-BT139-600E Datasheet
132Kb / 1P
   isc Triacs
logo
NXP Semiconductors
BT139-600E PHILIPS-BT139-600E Datasheet
48Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
More results

Similar Description - BT139-600E

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com