Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC729H-1A-C-24C-R-X Datasheet(PDF) 2 Page - Picker Components

Part # PC729H-1A-C-24C-R-X
Description  60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC729H-1A-C-24C-R-X Datasheet(HTML) 2 Page - Picker Components

  PC729H-1A-C-24C-R-X Datasheet HTML 1Page - Picker Components PC729H-1A-C-24C-R-X Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC792H Rev F 1/21/2016
2 of 2
COIL DATA
Coil Voltage
(VDC)
Resistance
(Ohms ± 10%)
Must Operate
Voltage Max
(VDC)
Must Release
Voltage Min.
(VDC)
Coil Power
(W)
Rated
Max
6
7.8
20
3.9
0.6
1.8
12
15.6
80
7.8
1.2
24
31.2
320
15.6
2.4
PC792H
PC792H
NOTES:
The use of any coil voltage less that the rated voltage will compromise the operation of the relays. Must Operate Voltage is listed for test purposes only and is
not to be used as design criteria. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
Dimensions are in mm, Inches are listed for reference only.
Coil Temperature Rise @
40A Carrying Current
Coil Temperature Rise
20oC Ambient
Max Value for Switching
Capacity
“C2”
Metal Bracket
“C1”
Plastic Bracket
“P”
PC Pins
1A
1C
“C”
Plug In
DIMENSIONS (mm / inches)


Similar Part No. - PC729H-1A-C-24C-R-X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC729 SHARP-PC729 Datasheet
61Kb / 4P
   Bi-directional Output Type Photocoupler
logo
Picker Components
PC729C-1A-C-12C-N-X PICKER-PC729C-1A-C-12C-N-X Datasheet
303Kb / 2P
   50/40 Amp Automotive Plug-In / PCB Power Relay
PC729C-1A-C-12C-R-X PICKER-PC729C-1A-C-12C-R-X Datasheet
303Kb / 2P
   50/40 Amp Automotive Plug-In / PCB Power Relay
PC729C-1A-C-24C-N-X PICKER-PC729C-1A-C-24C-N-X Datasheet
303Kb / 2P
   50/40 Amp Automotive Plug-In / PCB Power Relay
PC729C-1A-C-24C-R-X PICKER-PC729C-1A-C-24C-R-X Datasheet
303Kb / 2P
   50/40 Amp Automotive Plug-In / PCB Power Relay
More results

Similar Description - PC729H-1A-C-24C-R-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC792H PICKER-PC792H_17 Datasheet
1Mb / 2P
   60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC796 PICKER-PC796 Datasheet
647Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795_17 Datasheet
649Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795_16 Datasheet
629Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC796 PICKER-PC796_17 Datasheet
631Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC7150 PICKER-PC7150_17 Datasheet
322Kb / 2P
   150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC7150 PICKER-PC7150_15 Datasheet
661Kb / 2P
   150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC792B PICKER-PC792B Datasheet
679Kb / 2P
   40/40 Amp Automotive Plug-In / PCB Mini ISO Relay
PC792H PICKER-PC792H Datasheet
239Kb / 3P
   60/40 Amp Automotive Plug-In / PCB Power Relay
PC792H PICKER-PC792H_14 Datasheet
137Kb / 2P
   60/40 Amp Automotive Plug-In / PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com