Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6E0808C1E-I Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K6E0808C1E-I
Description  32K x 8 Bit High-Speed CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6E0808C1E-I Datasheet(HTML) 3 Page - Samsung semiconductor

  K6E0808C1E-I Datasheet HTML 1Page - Samsung semiconductor K6E0808C1E-I Datasheet HTML 2Page - Samsung semiconductor K6E0808C1E-I Datasheet HTML 3Page - Samsung semiconductor K6E0808C1E-I Datasheet HTML 4Page - Samsung semiconductor K6E0808C1E-I Datasheet HTML 5Page - Samsung semiconductor K6E0808C1E-I Datasheet HTML 6Page - Samsung semiconductor K6E0808C1E-I Datasheet HTML 7Page - Samsung semiconductor K6E0808C1E-I Datasheet HTML 8Page - Samsung semiconductor K6E0808C1E-I Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
K6E0808C1E-C/E-L, K6E0808C1E-I/E-P
CMOS SRAM
Revision 2.0
- 3 -
Feburary 1999
For Cisco
RECOMMENDED DC OPERATING CONDITIONS*(TA=0 to 70
°C)
* The above parameters are also guaranteed at industrial temperature range.
** VIL(Min) = -2.0(Pulse Width
≤7ns) for I≤20mA.
*** VIH(Max) = VCC+2.0V(Pulse Width
≤7ns) for I≤20mA.
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Ground
VSS
0
0
0
V
Input High Voltage
VIH
2.2
-
VCC+0.5***
V
Input Low Voltage
VIL
-0.5**
-
0.8
V
DC AND OPERATING CHARACTERISTICS*(TA=0 to 70
°C,VCC=5.0V±10% unless otherwise specified)
* The above parameters are also guaranteed at industrial temperature range.
** VCC=5.0V
±5%, Temp.=25°C.
Parameter
Symbol
Test Conditions
Min
Max
Unit
Input Leakage Current
ILI
VIN = VSS to VCC
-2
2
µA
Output Leakage Current
ILO
CS=VIH or OE=VIH or WE=VIL
VOUT = VSS to VCC
-2
2
µA
Operating Current
ICC
Min. Cycle, 100% Duty
CS=VIL, VIN = VIH or VIL,
IOUT=0mA
10ns
-
80
mA
12ns
-
80
15ns
-
80
Standby Current
ISB
Min. Cycle, CS=VIH
-
20
mA
ISB1
f=0MHz, CS
≥VCC-0.2V,
VIN
≥VCC-0.2V or VIN≤0.2V
Normal
-
2
mA
L-Ver
-
0.6
Output Low Voltage Level
VOL
IOL=8mA
-
0.4
V
Output High Voltage Level
VOH
IOH=-4mA
2.4
-
V
VOH1**
IOH1=0.1mA
-
3.95
V
CAPACITANCE*(TA=25
°C, f=1.0MHz)
* Capacitance is sampled and not 100% tested.
Item
Symbol
Test Conditions
MIN
Max
Unit
Input/Output Capacitance
CI/O
VI/O=0V
-
8
pF
Input Capacitance
CIN
VIN=0V
-
7
pF
ABSOLUTE MAXIMUM RATINGS*
* Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to VSS
VIN, VOUT
-0.5 to 7.0
V
Voltage on VCC Supply Relative to VSS
VCC
-0.5 to 7.0
V
Power Dissipation
PD
1.0
W
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
Commercial
TA
0 to 70
°C
Industrial
TA
-40 to 85
°C


Similar Part No. - K6E0808C1E-I

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6E0808C1C SAMSUNG-K6E0808C1C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
K6E0808C1C-12 SAMSUNG-K6E0808C1C-12 Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
K6E0808C1C-15 SAMSUNG-K6E0808C1C-15 Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
K6E0808C1C-20 SAMSUNG-K6E0808C1C-20 Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
K6E0808C1C-C SAMSUNG-K6E0808C1C-C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
More results

Similar Description - K6E0808C1E-I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Sony Corporation
CXK58256 SONY-CXK58256 Datasheet
285Kb / 7P
   32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com