Electronic Components Datasheet Search |
|
PC375-1C-6S4H-X Datasheet(PDF) 1 Page - Picker Components |
|
PC375-1C-6S4H-X Datasheet(HTML) 1 Page - Picker Components |
1 / 2 page FEATURES UL/CUR RATINGS CHARACTERISTICS Power Consumption PC375 Rev F 2-17-15 PAGE 1 ORDERING INFORMATION Lead Free & RoHS Compliant Example: PC375 -1C -12 S 2 H -X Model: PC375 Version: 1: 1 Pole, 12 A; 3.5 mm 2: 1 Pole, 12 A; 5 mm .250w, 3: 1 Pole, 16 A; 5 mm 4: Pole, 8 A; 5 mm RoHS Compliant: -X Enclosure: S: Sealed; C: Dust Cover Coil Voltage: 5, 6, 9, 12, 24, 48 Contact Form: 1A, 1C, 2A or 2C Coil Sensitivity: (Only for 1 Pole 12 Amp) Others: Nil: 440mW Nil: 400 Mw: H: 250 Mw. Version 2 Only Version 1 2 3 4 General Purpose 100K Cycles 12A / 250VAC 12A / 30VDC 12A / 250VAC 16A / 250VAC 16A / 30VDC 8A / 277VAC 8A / 30VDC Resistive 6,000 Cycles NO: 20A / 277VAC NC: 16A / 277VAC NO: 20A / 277VAC NC: 16A / 277VAC NO: 20A / 277VAC NC: 16A / 277VAC NO: 10A / 277VAC NC: 8A / 277VAC Max Switching Power 2 x 150W 2 x 1800VA Max Switching: Voltage 440VAC / 125VDC Current 20A 480W 5600VA |
Similar Part No. - PC375-1C-6S4H-X |
|
Similar Description - PC375-1C-6S4H-X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |