Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1026807 Datasheet(PDF) 2 Page - SICK AG

Part # 1026807
Description  SWITCHING AUTOMATION LIGHT GRIDS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1026807 Datasheet(HTML) 2 Page - SICK AG

  1026807 Datasheet HTML 1Page - SICK AG 1026807 Datasheet HTML 2Page - SICK AG 1026807 Datasheet HTML 3Page - SICK AG 1026807 Datasheet HTML 4Page - SICK AG 1026807 Datasheet HTML 5Page - SICK AG 1026807 Datasheet HTML 6Page - SICK AG 1026807 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
ELG1-0100P531 | ELG
SWITCHING AUTOMATION LIGHT GRIDS
2
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-03-09 17:40:10
Subject to change without notice
Illustration may differ
Ordering information
Type
Part no.
ELG1-0100P531
1026807
Other models and accessories
www.sick.de/ELG
Detailed technical data
Features
Technology
Sender/receiver
Minimum detectable object (MDO)
Parallel beam: ≥ 15 mm
Beam separation
10 mm
Number of beams
≥ 11
Detection height
100 mm
Evaluation beams
Parallel beam
Performance
Maximum range
7 m
Minimum range
≥ 0 mm
Working range
3 m
Response time
Parallel beam ≥ 14 ms 1)
1) With resistive load.
Interfaces
Switching output
2 x PNP (Q and /Q)
Connection type
M12, 4-pin male connector
Mechanics/electronics
Wave length
880 nm
Supply voltage Vs
DC 15 V ... 30 V 1)
Power consumption sender
< 100 mA 1)
Power consumption receiver
< 100 mA 1)
Ripple
< 5 Vpp
Output load capacitive
100 nF
1) Typical value.
2) Q = active, if at least one beam is interrupted, /Q = active, if all of the beams are free.


Similar Part No. - 1026807

ManufacturerPart #DatasheetDescription
logo
SICK AG
1026808 SICK-1026808 Datasheet
508Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
1026809 SICK-1026809 Datasheet
508Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
More results

Similar Description - 1026807

ManufacturerPart #DatasheetDescription
logo
SICK AG
SPL-F280PPS2W04 SICK-SPL-F280PPS2W04 Datasheet
454Kb / 8P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG1-0150N533 SICK-ELG1-0150N533 Datasheet
508Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0150P513 SICK-ELG3-0150P513 Datasheet
511Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0210P511 SICK-ELG3-0210P511 Datasheet
511Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0450P521 SICK-ELG3-0450P521 Datasheet
488Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0450P561 SICK-ELG3-0450P561 Datasheet
488Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
FLG4-20012021 SICK-FLG4-20012021 Datasheet
364Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
FLG2-20018011 SICK-FLG2-20018011 Datasheet
364Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
SAS4-F028P3PS1T00 SICK-SAS4-F028P3PS1T00 Datasheet
563Kb / 9P
   SWITCHING AUTOMATION LIGHT GRIDS
SAS4-S012N3PS1T00 SICK-SAS4-S012N3PS1T00 Datasheet
564Kb / 9P
   SWITCHING AUTOMATION LIGHT GRIDS
SAS4-S060P3PS1W00 SICK-SAS4-S060P3PS1W00 Datasheet
564Kb / 9P
   SWITCHING AUTOMATION LIGHT GRIDS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com