Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV-9400A Datasheet(PDF) 1 Page - Vectron International, Inc

Part # MV-9400A
Description  Any frequency between 1 MHz and 220 MHz with 6 decimal places of accuracy
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MV-9400A Datasheet(HTML) 1 Page - Vectron International, Inc

  MV-9400A Datasheet HTML 1Page - Vectron International, Inc MV-9400A Datasheet HTML 2Page - Vectron International, Inc MV-9400A Datasheet HTML 3Page - Vectron International, Inc MV-9400A Datasheet HTML 4Page - Vectron International, Inc MV-9400A Datasheet HTML 5Page - Vectron International, Inc MV-9400A Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vectron Interna onal • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • h p://www.vectron.com
Page 1 of 6
MV-9400A
1-220 MHz High Performance Differen al VCXO
Performance Specifica ons
• Any frequency between 1 MHz and 220 MHz with 6 decimal places of accuracy
• < 1ps RMS phase ji er over 12 kHz to 20 MHz bandwidth
• LVPECL and LVDS ouput op ons
• Industrial and extended commercial temperature ranges
• Industry-standard packages: 5.0 mm x 3.2 mm and 7.0 mm x 5.0 mm
• SONET, Video, Instrumenta on, Satellite Telecom,
networking, broadband
Features
Applications
Parameter and Condi ons
Symbol
Min.
Typ.
Max.
Unit
Condi on
LVPECL and LVDS, Common AC Characteris cs
Output Frequency Range
f
1
220
MHz
Frequency Stability
F_stab
-20
+20
PPM
Inclusive of Ini al tolerance at 25 °C, and varia ons over opera ng temperature,
aging, supply voltage and load
-50
+50
PPM
1-year Aging
-1
+1
PPM
First year @ 25°C
10-year Aging
-5
+5
PPM
@ 85°C
Opera ng Temperature Range
T_use
-40
+85
°C
Industrial
-20
+70
°C
Extended Commercial
Start-up Time
T_start
10
ms
Duty Cycle
DC
45
55
%
Contact Vectron for ghter duty cycle
Pull Range
PR
±
50, ±80, ±100
PPM
Upper Control Voltage
VC_U
3
3.1
V
Vdd = 3.3V, Voltage at which maximum devia on is guaranteed
2.25
2.3
V
Vdd = 2.5V, Voltage at which maximum devia on is guaranteed
Lower Control Voltage
VC_L
0
0.1
V
Voltage at which maximum devia on is guaranteed
Linearity
Lin
0.2
1
%
Frequency Change Polarity
Posi ve
Slope
Control Voltage Bandwidth
(-3dB)
V_BW
8
kHz
Contact Vectron for 16 kHz bandwidth
LVPECL, DC and AC Characteris cs
Supply Voltage
Vdd
2.97
3.3
3.63
V
2.25
2.5
2.75
V
Current Consump on
Idd
61
69
mA
Excluding Load Termina on Current, Vdd = 3.3V or 2.5V
OE Disable Supply Current
I_OE
35
mA
OE = GND
Output Disable Leakage
Current
I_leak
1
μA
OE = GND
Maximum Output Current
I-driver
30
mA
Maximum average current drawn from OUT+ or OUT-
Output High Voltage
VOH
Vdd-1.1
Vdd-0.7
V
See Figure 1
Output Low Voltage
VOL
Vdd-1.9
Vdd-1.5
V
See Figure 1
Output Differen al Voltage
Swing
V_Swing
1.2
1.6
2.0
V
See Figure 1
Rise/Fall Time
Tr, Tf
300
500
ps
20% to 80%
OE Enable/Disable Time
T_oe
105
ns
f = 220 MHz - For other frequencies, T_oe = 100ns + 3 period
RMS Period Ji er
T_ji
1.2
1.7
ps
f = 100 MHz, VDD = 3.3V or 2.5V
1.2
1.7
ps
f = 156.25 MHz, VDD = 3.3V or 2.5V
1.2
1.7
ps
f = 212.5 MHz, VDD = 3.3V or 2.5V
RMS Phase Ji er (random)
T_phj
0.6
1.0
ps
f = 156.25 MHz, Integra on bandwidth = 12 kHz to 20 MHz, all Vdds
Rev 1.2 Aug 2014


Similar Part No. - MV-9400A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MV-9450A VECTRON-MV-9450A Datasheet
282Kb / 6P
   Any frequency between 220-625 MHz with 6 decimal places of accuracy
More results

Similar Description - MV-9400A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MV-9350A VECTRON-MV-9350A Datasheet
346Kb / 5P
   Any frequency between 80 MHz and 220 MHz with 6 decimal places of accuracy
MV-9450A VECTRON-MV-9450A Datasheet
282Kb / 6P
   Any frequency between 220-625 MHz with 6 decimal places of accuracy
MV-9300A VECTRON-MV-9300A Datasheet
253Kb / 5P
   Any frequency between 1 MHz and 80 MHz with 6 decimal places of accuracy
logo
Abracon Corporation
ASTMUPLD ABRACON-ASTMUPLD Datasheet
2Mb / 6P
   Any frequency between 1MHz and 625MHz
05/15/2017
logo
Skyworks Solutions Inc.
SI5355 SKYWORKS-SI5355 Datasheet
1Mb / 22P
   ANY-FREQUENCY 1–200 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5355 SILABS-SI5355 Datasheet
270Kb / 22P
   ANY-FREQUENCY 1??00 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
SI5356A SILABS-SI5356A Datasheet
491Kb / 29P
   IC PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5356A SKYWORKS-SI5356A Datasheet
1Mb / 28P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1–200 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI5356B SILABS-SI5356B Datasheet
779Kb / 29P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
Microsemi Corporation
ZL30260 MICROSEMI-ZL30260 Datasheet
265Kb / 4P
   1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
September 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com