Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-93C46AMFN Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S-93C46AMFN
Description  CMOS SERIAL E2PROM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C46AMFN Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S-93C46AMFN Datasheet HTML 1Page - Seiko Instruments Inc S-93C46AMFN Datasheet HTML 2Page - Seiko Instruments Inc S-93C46AMFN Datasheet HTML 3Page - Seiko Instruments Inc S-93C46AMFN Datasheet HTML 4Page - Seiko Instruments Inc S-93C46AMFN Datasheet HTML 5Page - Seiko Instruments Inc S-93C46AMFN Datasheet HTML 6Page - Seiko Instruments Inc S-93C46AMFN Datasheet HTML 7Page - Seiko Instruments Inc S-93C46AMFN Datasheet HTML 8Page - Seiko Instruments Inc S-93C46AMFN Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
Seiko Instruments Inc.
1
The S-93C46A/56A/66A is high speed, low power 1K/2K/4K-bit E
2 PROM
with a wide operating voltage range. It is organized as 64-word
×16-bit, 128-
word
×16-bit, 256-word×16-bit, respectivly. Each is capable of sequential
read, at which time addresses are automatically incremented in 16-bit blocks.
The instruction code is compatible with the NM93CS46/56/66.
n
Pin Assignment
n
Pin Functions
Table 1
Name
Pin Number
Function
DIP
SOP1
SOP2
TSSOP MSOP
CS
1
3
1
1
8
Chip select input
SK
2
4
2
2
7
Serial clock input
DI
3
5
3
3
6
Serial data input
DO
4
6
4
4
5
Serial data output
GND
5
7
5
5
4
Ground
TEST
6
8
6
6
3
Test pin (normally kept open)
(can be connected to GND or Vcc)
NC
7
1
7
7
2
No Connection
VCC
8
2
8
8
1
Power supply
Figure 1
CMOS SERIAL E
2PROM
S-93C46A/56A/66A
n
Features
Ÿ Low power consumption
Standby
: 1.0
µA Max. (VCC=5.5 V)
Operating : 0.8 mA Max. (VCC=5.5 V)
: 0.4 mA Max. (VCC=2.5 V)
Ÿ Wide operating voltage range
Read/Write : 1.8 to 5.5 V
Ÿ Sequential read capable
Ÿ Endurance : 10
6
cycles/word
Ÿ Data retention : 10 years
Ÿ S-93C46A : 1K bits NM93CS46 instruction code compatible
Ÿ S-93C56A : 2K bits NM93CS56 instruction code compatible
Ÿ S-93C66A : 4K bits NM93CS66 instruction code compatible
8-pin DIP
Top view
VCC
DO
NC
TEST
SK
DI
GND
CS
1
2
3
4
5
6
7
8
S-93C46ADP
S-93C56ADP
S-93C66ADP
8-pin TSSOP
Top view
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
NC
TEST
GND
S-93C46AFT
S-93C56AFT
S-93C66AFT
* See
n Dimensions
S-93C46AMFN
S-93C56AMFN
S-93C66AMFN
8-pin MSOP
Top view
1
2
3
4
8
7
6
5
VCC
NC
TEST
GND
CS
SK
DI
DO
S-93C46AFJ
S-93C56AFJ
S-93C66AFJ
8-pin SOP1
Top view
NC
GND
TEST
DO
DI
SK
6
5
8
7
3
4
1
2
VCC
CS
SK
CS
8-pin SOP2
Top view
VCC
TEST
GND
DI
DO
6
5
8
7
3
4
1
2
NC
S-93C46ADFJ
S-93C56ADFJ
S-93C66ADFJ


Similar Part No. - S-93C46AMFN

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
463Kb / 50P
   3-WIRE SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
1Mb / 34P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46B-H SII-S-93C46B-H Datasheet
1Mb / 34P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46BD0H-D8S1G SII-S-93C46BD0H-D8S1G Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
More results

Similar Description - S-93C46AMFN

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
   2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
   2-WIRE CMOS SERIAL E2PROM
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
   2-WIRE CMOS SERIAL E2PROM
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com