Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-93C56AMFN Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-93C56AMFN
Description  CMOS SERIAL E2PROM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C56AMFN Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-93C56AMFN Datasheet HTML 3Page - Seiko Instruments Inc S-93C56AMFN Datasheet HTML 4Page - Seiko Instruments Inc S-93C56AMFN Datasheet HTML 5Page - Seiko Instruments Inc S-93C56AMFN Datasheet HTML 6Page - Seiko Instruments Inc S-93C56AMFN Datasheet HTML 7Page - Seiko Instruments Inc S-93C56AMFN Datasheet HTML 8Page - Seiko Instruments Inc S-93C56AMFN Datasheet HTML 9Page - Seiko Instruments Inc S-93C56AMFN Datasheet HTML 10Page - Seiko Instruments Inc S-93C56AMFN Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
CMOS SERIAL E
2PROM
S-93C46A/56A/66A
Seiko Instruments Inc.
6
n
Operation
Instructions (in the order of start-bit, instruction, address, and data) are latched to DI in synchronization with the rising
edge of SK after CS goes high. A start-bit can only be recognized when the high of DI is latched to the rising edge of SK
when CS goes from low to high, it is impossible for it to be recognized as long as DI is low, even if there are SK pulses after
CS goes high. Any SK pulses input while DI is low are called "dummy clocks." Dummy clocks can be used to adjust the
number of clock cycles needed by the serial IC to match those sent out by the CPU. Instruction input finishes when CS
goes low, where it must be low between commands during tCDS.
All input, including DI and SK signals, is ignored while CS is low, which is stand-by mode.
1. Read
The READ instruction reads data from a specified address. After A0 is latched at the rising edge of SK, DO output
changes from a high-impedance state (Hi-Z) to low level output. Data is continuously output in synchronization with the rise
of SK.
When all of the data (D0) in the specified address has been read, the data in the next address can be read with the input
of another SK clock. Thus, it is possible for all of the data addresses to be read through the continuous input of SK clocks
as long as CS is high.
The last address (An ŸŸŸ A1 A0 = 1 ŸŸŸ 11) rolls over to the top address (An ŸŸŸ A1 A0 = 0 ŸŸŸ 00).
Figure 5 Read Timing (S-93C56A)
Figure 4 Read Timing (S-93C46A)
A5A4A3A2A1A0+1
A5A4A3A2A1A0+2
D15
D15
D14
D14 D13
D14
Hi-Z
D13
D0
D1
D2
D15
0
Hi-Z
A0
A1
A2
A3
A4
A5
0
1
1
28
27
26
25
24
23
12
11
10
9
8
7
6
5
4
3
2
1
44
43
42
41
40
39
D13
D0
D1
D2
CS
SK
DI
DO
A0
A6
12
45
29
14
D15
D15
D14
D14 D13
D14
Hi-Z
A6A5A4A3A2A1A0+1
D13
D0
D1
D2
D15
0
Hi-Z
A1
A2
A3
A4
A5
X
0
1
1
28
27
26
25
24
11
10
9
8
7
6
5
4
3
2
1
44
43
42
41
40
A6A5A4A3A2A1A0+2
D13
D0
D1
13
CS
SK
DI
DO


Similar Part No. - S-93C56AMFN

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C56B SII-S-93C56B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93C56B SII-S-93C56B Datasheet
463Kb / 50P
   3-WIRE SERIAL E2PROM
S-93C56B SII-S-93C56B Datasheet
1Mb / 34P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C56BD0H-D8S1G SII-S-93C56BD0H-D8S1G Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93C56BD0H-I8T1G SII-S-93C56BD0H-I8T1G Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
More results

Similar Description - S-93C56AMFN

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
   2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
   2-WIRE CMOS SERIAL E2PROM
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
   2-WIRE CMOS SERIAL E2PROM
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com