Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4462D-7 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # ACT4462D-7
Description  Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4462D-7 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button ACT4462D-7 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4462D-7 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4462D-7 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4462D-7 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4462D-7 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4462D-7 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4462D-7 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4462D-7 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT4462D-7 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
SCD4462D Rev E 10/9/07
Aeroflex Plainview
RX DATA IN
TX DATA OUT
RX DATA IN
R
R
Zo
Zo
Data
Bus
Wire
B
B'
A
A'
1 : N
Isolation
Transformer
Terminal
1 : 1.414
Coupling
Transformer
Isolation
Resistors
R = 0.75 ZO
Pair
TX DATA OUT
Terminal Input Impedance B – B'
MIL-STD-1553B para 4.5.2.1.2.3
1K
Ω minimum. 75KHz – 1MHz.
TRANSCEIVER
UNDER TEST
FIGURE 11 – MACAIR/1553 DATABUS INTERFACE USING TRANSFORMER COUPLING
RX DATA IN
TX DATA OUT
RX DATA IN
55
Ω
55
Ω
Zo
Zo
Data
Bus
Wire
B
B'
A
A'
1 : N
Isolation
Transformer
Pair
TX DATA OUT
Terminal Input Impedance B – B'
MIL-STD-1553B para 4.5.2.2.2.3
2K
Ω minimum. 75KHz – 1MHz.
TRANSCEIVER
UNDER TEST
FIGURE 12 – MACAIR/1553 DATABUS INTERFACE USING DIRECT COUPLING
Terminal
RX DATA OUT
RX DATA OUT
RX DATA OUT
RX DATA OUT
Transformer turns ratio:
N = 1
Recommend Technitrol 1553-1
Transformer turns ratio:
N = 0.707
Recommend Technitrol 1553-1
10K
Ω
10K
Ω
C*
C*
10K
Ω
10K
Ω
C*
C*
* Cap is 0.5 - 1µF ceramic BX/X7R
* Cap is 0.5 - 1µF ceramic BX/X7R
(FIGURE 9 OF MIL-STD-1553B)
(FIGURE 10 OF MIL-STD-1553B)
THRESHOLD A / B
THRESHOLD A / B
THRESHOLD A / B
THRESHOLD A / B
AMP CTL
AMP CTL


Similar Part No. - ACT4462D-7

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4460 AEROFLEX-ACT4460 Datasheet
173Kb / 8P
   ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
ACT4463 AEROFLEX-ACT4463 Datasheet
122Kb / 8P
   ACT 4453 / 4463 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4463-2 AEROFLEX-ACT4463-2 Datasheet
122Kb / 8P
   ACT 4453 / 4463 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4464 AEROFLEX-ACT4464 Datasheet
127Kb / 8P
   ACT 4458 / 4464 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4467N AEROFLEX-ACT4467N Datasheet
165Kb / 9P
   Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
More results

Similar Description - ACT4462D-7

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ARX4435 AEROFLEX-ARX4435 Datasheet
76Kb / 6P
   ARX4435 Transceiver for Macair H009 Specification
ARX4435N AEROFLEX-ARX4435N Datasheet
153Kb / 6P
   ARX4435N Transceiver for Macair H009 Specification
ACT4469D AEROFLEX-ACT4469D Datasheet
181Kb / 6P
   Dual Variable Amplitude Transceivers for H009
ACT4418 AEROFLEX-ACT4418 Datasheet
75Kb / 7P
   ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4436 AEROFLEX-ACT4436 Datasheet
94Kb / 7P
   ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4423 AEROFLEX-ACT4423 Datasheet
94Kb / 7P
   ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4419D AEROFLEX-ACT4419D Datasheet
78Kb / 6P
   Dual Variable Amplitude Transceivers for MIL-STD-1553
logo
Holt Integrated Circuit...
HI-2579 HOLTIC-HI-2579 Datasheet
636Kb / 11P
   3.3V MIL-STD-1553/1760 Dual Transceiver
logo
Aeroflex Circuit Techno...
ACT4487 AEROFLEX-ACT4487 Datasheet
99Kb / 7P
   ACT 4487 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4433 AEROFLEX-ACT4433 Datasheet
97Kb / 7P
   ACT 4433 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com