Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54FCT573 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54FCT573
Description  Octal D-Type Latch with TRI-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54FCT573 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54FCT573 Datasheet HTML 1Page - National Semiconductor (TI) 54FCT573 Datasheet HTML 2Page - National Semiconductor (TI) 54FCT573 Datasheet HTML 3Page - National Semiconductor (TI) 54FCT573 Datasheet HTML 4Page - National Semiconductor (TI) 54FCT573 Datasheet HTML 5Page - National Semiconductor (TI) 54FCT573 Datasheet HTML 6Page - National Semiconductor (TI) 54FCT573 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Functional Description
The ’FCT573 contains eight D-type latches with TRI-STATE
output buffers. When the Latch Enable (LE) input is HIGH,
data on the D
n inputs enters the latches. In this condition the
latches are transparent, i.e., a latch output will change state
each time its D input changes. When LE is LOW the latches
store the information that was present on the D inputs a
setup time preceding the HIGH-to-LOW transition of LE. The
TRI-STATE buffers are controlled by the Output Enable (OE)
input. When OE is LOW, the buffers are in the bi-state mode.
When OE is HIGH the buffers are in the high impedance
mode but this does not interfere with entering new data into
the latches.
Function Table
Inputs
Outputs
OE
LE
D
O
LH
H
H
LH
L
L
LL
X
O
0
HX
X
Z
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
O0 = Value stored from previous clock cycle
Logic Diagram
DS100951-3
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.national.com
2


Similar Part No. - 54FCT573

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
logo
Integrated Device Techn...
54FCT574ATDBG8 IDT-54FCT574ATDBG8 Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
54FCT574ATLBG8 IDT-54FCT574ATLBG8 Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
54FCT574CTDBG8 IDT-54FCT574CTDBG8 Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
54FCT574CTLBG8 IDT-54FCT574CTLBG8 Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
More results

Similar Description - 54FCT573

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS563 NSC-DM74LS563 Datasheet
79Kb / 3P
   OCTAL D-TYPE LATCH WITH TRI-STATE OUTPUTS
54F573DM NSC-54F573DM Datasheet
166Kb / 8P
   Octal D-Type Latch with TRI-STATE Outputs
54ABT573 NSC-54ABT573 Datasheet
404Kb / 12P
   Octal D-Type Latch with TRI-STATE Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
   Octal D-Type Transparent Latch with TRI-STATE Outputs
54ACT563 NSC-54ACT563 Datasheet
159Kb / 6P
   Octal Latch with TRI-STATE Outputs
54ACT573 NSC-54ACT573 Datasheet
159Kb / 10P
   Octal Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACT573 TI1-54ACT573_13 Datasheet
138Kb / 6P
[Old version datasheet]   Octal Latch with Tri-State Outputs
logo
National Semiconductor ...
MM54HC533 NSC-MM54HC533 Datasheet
101Kb / 4P
   TRI-STATE-R Octal D-Type Latch with Inverted Outputs
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com