Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLG3-360F431 Datasheet(PDF) 4 Page - SICK AG

Part # PLG3-360F431
Description  SWITCHING AUTOMATION LIGHT GRIDS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PLG3-360F431 Datasheet(HTML) 4 Page - SICK AG

  PLG3-360F431 Datasheet HTML 1Page - SICK AG PLG3-360F431 Datasheet HTML 2Page - SICK AG PLG3-360F431 Datasheet HTML 3Page - SICK AG PLG3-360F431 Datasheet HTML 4Page - SICK AG PLG3-360F431 Datasheet HTML 5Page - SICK AG PLG3-360F431 Datasheet HTML 6Page - SICK AG PLG3-360F431 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PLG3-360F431 | PLG
SWITCHING AUTOMATION LIGHT GRIDS
4
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-03-09 17:40:10
Subject to change without notice
Dimensional drawing (Dimensions in mm (inch))
PLG3
1
2
3
4
4
5
RL
DH
A
L1
120 (4.72)
36 (1.42)
199 (7.83)
162 (6.38)
210 (8.27)
26 (1.02)
279 (10.98)
242 (9.53)
270 (10.63)
36 (1.42)
349 (13.74)
312 (12.28)
360 (14.17)
26 (1.02)
429 (16.89)
392 (15.43)
420 (16.54)
36 (1.42)
499 (19.65)
462 (18.19)
16.5
(0.65)
19.2
(0.76)
11
(0.43)
Ø 5.3
(0.21)
36.6
(1.44)
①  Detection height (DH)
②  Indicator Power on: green; beam status: yellow
③  Job LED, green
④  Mounting hole, Ø 5.3 mm
⑤  Configuration switches
Adjustments
PLG3
Configuration over switches
Switch 1
D
Output active, in case
of blocked beams
L
Output inactive, in case
of blocked beams
Switch 2
Steady
Job-LED steady
Flash
Job-LED flashes, 3 Hz
D
1
2
L
Steady
Flash


Similar Part No. - PLG3-360F431

ManufacturerPart #DatasheetDescription
logo
SICK AG
PLG3-120F431 SICK-PLG3-120F431 Datasheet
630Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
PLG3-210F431 SICK-PLG3-210F431 Datasheet
630Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
PLG3-270F431 SICK-PLG3-270F431 Datasheet
630Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
PLG3-420F431 SICK-PLG3-420F431 Datasheet
630Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
More results

Similar Description - PLG3-360F431

ManufacturerPart #DatasheetDescription
logo
SICK AG
SPL-F280PPS2W04 SICK-SPL-F280PPS2W04 Datasheet
454Kb / 8P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG1-0150N533 SICK-ELG1-0150N533 Datasheet
508Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0150P513 SICK-ELG3-0150P513 Datasheet
511Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0210P511 SICK-ELG3-0210P511 Datasheet
511Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0450P521 SICK-ELG3-0450P521 Datasheet
488Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0450P561 SICK-ELG3-0450P561 Datasheet
488Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
FLG4-20012021 SICK-FLG4-20012021 Datasheet
364Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
FLG2-20018011 SICK-FLG2-20018011 Datasheet
364Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
SAS4-F028P3PS1T00 SICK-SAS4-F028P3PS1T00 Datasheet
563Kb / 9P
   SWITCHING AUTOMATION LIGHT GRIDS
SAS4-S012N3PS1T00 SICK-SAS4-S012N3PS1T00 Datasheet
564Kb / 9P
   SWITCHING AUTOMATION LIGHT GRIDS
SAS4-S060P3PS1W00 SICK-SAS4-S060P3PS1W00 Datasheet
564Kb / 9P
   SWITCHING AUTOMATION LIGHT GRIDS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com