Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4314A-Z Datasheet(PDF) 7 Page - Peregrine Semiconductor

Part # PE4314A-Z
Description  UltraCMOS RF Digital Step Attenuator, 1 MHz??.5 GHz
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4314A-Z Datasheet(HTML) 7 Page - Peregrine Semiconductor

Back Button PE4314A-Z Datasheet HTML 3Page - Peregrine Semiconductor PE4314A-Z Datasheet HTML 4Page - Peregrine Semiconductor PE4314A-Z Datasheet HTML 5Page - Peregrine Semiconductor PE4314A-Z Datasheet HTML 6Page - Peregrine Semiconductor PE4314A-Z Datasheet HTML 7Page - Peregrine Semiconductor PE4314A-Z Datasheet HTML 8Page - Peregrine Semiconductor PE4314A-Z Datasheet HTML 9Page - Peregrine Semiconductor PE4314A-Z Datasheet HTML 10Page - Peregrine Semiconductor PE4314A-Z Datasheet HTML 11Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
PE4314
RF Digital Step Attenuator
DOC-67244-4 – (03/2016)
Page 7
www.psemi.com
Programming Options
Parallel/Serial Selection
Either a Parallel or Serial interface can be used to
control the PE4314. The P/S bit provides this
selection, with P/S = LOW selecting the Parallel
interface and P/S = HIGH selecting the Serial
interface.
Parallel Mode Interface
The Parallel interface consists of six CMOS-
compatible control lines that select the desired attenu-
ation state, as shown in Table 5.
The Parallel interface timing requirements are defined
by Figure 3, Table 8 and switching time in Table 3.
For Latched Parallel programming, the latched enable
(LE) should be held LOW while changing attenuation
state control values, then pulsed LE HIGH to LOW
(per Figure 3) to latch new attenuation state into the
device.
For Direct Parallel programming, the LE line should
be pulled HIGH. Changing attenuation state control
values will change device state to new attenuation.
Direct mode is ideal for manual control of the device
(using hardwire, switches or jumpers).
In Parallel mode, DATA and CLOCK (CLK) pins are
“don’t care” and may be tied to logic LOW or logic
HIGH.
Serial Interface
The Serial interface is a 6-bit Serial-in, Parallel-out
shift register buffered by a transparent latch. It is
controlled by using three CMOS-compatible signals:
DATA, CLK and LE. The DATA and CLK inputs allow
data to be serially entered into the shift register, a
process that is independent of the state of the LE
input. Serial data is clocked in MSB first.
The LE input controls the latch. When LE is HIGH, the
latch is transparent and the contents of the Serial shift
register control the attenuator. When LE is brought
LOW, data in the shift register is latched.
The shift register must be loaded while LE is held
LOW to prevent the attenuator value from changing
as data is entered. The LE input should then be
toggled HIGH and brought LOW again, latching the
new data into the DSA. The Serial timing for the
operation is defined by Figure 2 and Table 7.
Power-up Control Settings
The PE4314 always assumes a specifiable attenu-
ation setting on power up. This feature exists for both
the Serial and Parallel modes of operation, and allows
a known attenuation state to be established before an
initial Serial or Parallel control word is provided.
When the attenuator powers up in Serial mode
(P/S = 1), the six control bits are set to whatever data
is present on the six Parallel data inputs (C0.5–C16).
This allows any one of the 64 attenuation settings to
be specified as the power-up state.
When the attenuator powers up in Parallel mode
(P/S = 0) with LE = 0, the control bits are automati-
cally set to one of four possible values. These four
values are selected by the two power-up (PUP)
control bits, PUP1 and PUP2, as shown in Table 6.
Figure 2 • Serial Interface Timing Diagram
Figure 3 • Parallel Interface Timing Diagram
tSDHLD
tLESUP
tLEPW
tSDSUP
LE
Clock
Data
MSB
LSB
tPDSUP
tPDHLD
tLEPW
LE
Parallel Data
C16:C0.5


Similar Part No. - PE4314A-Z

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4314 PASTERNACK-PE4314 Datasheet
231Kb / 3P
   MHV Female Connector Clamp/Solder Attachment 4 Hole Flange For RG59, RG62, .500 inch Threaded Hole Spacing
PE4314 PASTERNACK-PE4314 Datasheet
338Kb / 3P
   MHV Female Connector Clamp/Solder Attachment 4 Hole Flange Mount
logo
Peregrine Semiconductor
PE4314 PSEMI-PE4314 Datasheet
727Kb / 27P
   UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
PE4314B-Z PSEMI-PE4314B-Z Datasheet
727Kb / 27P
   UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
logo
Pasternack Enterprises,...
PE4314 PASTERNACK-PE4314_16 Datasheet
338Kb / 3P
   MHV Female Connector Clamp/Solder Attachment 4 Hole Flange Mount
More results

Similar Description - PE4314A-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4314 PSEMI-PE4314_V01 Datasheet
727Kb / 27P
   UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
PE43711 PSEMI-PE43711 Datasheet
636Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43713 PSEMI-PE43713 Datasheet
659Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43705 PSEMI-PE43705_15 Datasheet
711Kb / 18P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz - 8 GHz
PE4312MLBA-Z PSEMI-PE4312MLBA-Z Datasheet
730Kb / 13P
   UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
   RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
logo
HBH Microwave GmbH
HT1001_SMD HBH-HT1001_SMD Datasheet
18Kb / 1P
   1 - 1000 MHz 5-BIT Digital Attenuator
HT1001 HBH-HT1001 Datasheet
17Kb / 1P
   1 - 1000 MHz 5-BIT Digital Attenuator
logo
Peregrine Semiconductor
PE42424 PSEMI-PE42424 Datasheet
1Mb / 11P
   UltraCMOS SPDT RF Switch 100 MHz?? GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com