Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42424 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE42424
Description  UltraCMOS SPDT RF Switch 100 MHz?? GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42424 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE42424 Datasheet HTML 1Page - Peregrine Semiconductor PE42424 Datasheet HTML 2Page - Peregrine Semiconductor PE42424 Datasheet HTML 3Page - Peregrine Semiconductor PE42424 Datasheet HTML 4Page - Peregrine Semiconductor PE42424 Datasheet HTML 5Page - Peregrine Semiconductor PE42424 Datasheet HTML 6Page - Peregrine Semiconductor PE42424 Datasheet HTML 7Page - Peregrine Semiconductor PE42424 Datasheet HTML 8Page - Peregrine Semiconductor PE42424 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Product Specification
PE42424
Page 2 of 11
©2014–2015 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-44114-4 │ UltraCMOS® RFIC Solutions
Table 1. Electrical Specifications @ 25°C, VDD = 3.3V, (ZL = ZS = 50Ω) unless otherwise specified
Parameter
Path
Condition
Min
Typ
Max
Unit
Operating frequency
100
6000
MHz
Insertion loss
RFC–RFX
100–2500 MHz
2500–5825 MHz
5825–6000 MHz
0.80
0.90
0.95
0.95
1.15
1.20
dB
dB
dB
Isolation
RFC–RFX
100–2500 MHz
2500–5825 MHz
5825–6000 MHz
45
33
33
47
35
34
dB
dB
dB
Isolation
RFX–RFX
100–2500 MHz
2500–5825 MHz
5825–6000 MHz
37
29
29
39
30
30
dB
dB
dB
Return loss
(common and active port)
RFX
100–6000 MHz
21
dB
Input 1dB compression point1
RFC–RFX
6000 MHz
41
dBm
Input IP22
RFC–RFX
1900 MHz
125
dBm
3rd harmonic
RFC–RFX
PIN = +30 dBm @ 1900 MHz
74
dBc
2nd harmonic
RFC–RFX
PIN = +30 dBm @ 1900 MHz
85
dBc
Switching time
50% CTRL to 90% or 10% of final value
145
230
ns
Input IP32
RFC–RFX
1900 MHz
61
dBm
Notes: 1. The input 1dB compression point is a linearity figure of merit. Refer to Table 3 for the operating RF input power (50Ω).
2. The input intercept point remains invariant over the full supply range as defined in Table 3.


Similar Part No. - PE42424

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4242 PEREGRINE-PE4242 Datasheet
276Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4242 PEREGRINE-PE4242 Datasheet
278Kb / 9P
   SPDT UltraCMOS??RF Switch
logo
Pasternack Enterprises,...
PE4242 PASTERNACK-PE4242 Datasheet
300Kb / 2P
   C Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4242 PASTERNACK-PE4242 Datasheet
316Kb / 3P
   C Male Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor...
PE4242-EK PEREGRINE-PE4242-EK Datasheet
276Kb / 8P
   SPDT UltraCMOS??RF Switch
More results

Similar Description - PE42424

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42423 PSEMI-PE42423 Datasheet
448Kb / 11P
   UltraCMOS SPDT RF Switch 100 MHz - 6 GHz
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
PE42420 PSEMI-PE42420 Datasheet
355Kb / 11P
   UltraCMOS SPDT RF Switch 100 ??6000 MHz
PE42822 PSEMI-PE42822 Datasheet
460Kb / 21P
   UltraCMOS SPDT RF Switch, 700 MHz-3.8 GHz
PE42421 PSEMI-PE42421 Datasheet
325Kb / 9P
   SPDT UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE42524 PSEMI-PE42524 Datasheet
347Kb / 16P
   UltraCMOS SPDT RF Switch, 10 MHz-40 GHz
PE4259 PSEMI-PE4259 Datasheet
479Kb / 9P
   SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE4259 PSEMI-PE4259 Datasheet
651Kb / 9P
   SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com