Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42424A-Z Datasheet(PDF) 11 Page - Peregrine Semiconductor

Part # PE42424A-Z
Description  UltraCMOS SPDT RF Switch 100 MHz?? GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42424A-Z Datasheet(HTML) 11 Page - Peregrine Semiconductor

Back Button PE42424A-Z Datasheet HTML 3Page - Peregrine Semiconductor PE42424A-Z Datasheet HTML 4Page - Peregrine Semiconductor PE42424A-Z Datasheet HTML 5Page - Peregrine Semiconductor PE42424A-Z Datasheet HTML 6Page - Peregrine Semiconductor PE42424A-Z Datasheet HTML 7Page - Peregrine Semiconductor PE42424A-Z Datasheet HTML 8Page - Peregrine Semiconductor PE42424A-Z Datasheet HTML 9Page - Peregrine Semiconductor PE42424A-Z Datasheet HTML 10Page - Peregrine Semiconductor PE42424A-Z Datasheet HTML 11Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Product Specification
PE42424
Page 11 of 11
Document No. DOC-44114-4 │ www.psemi.com
©2014–2015 Peregrine Semiconductor Corp. All rights reserved.
Advance Information: The product is in a formative or design stage. The datasheet contains design target
specifications for product development. Specifications and features may change in any manner without notice.
Preliminary Specification: The datasheet contains preliminary data. Additional data may be added at a later
date. Peregrine reserves the right to change specifications at any time without notice in order to supply the best
possible product. Product Specification: The datasheet contains final data. In the event Peregrine decides to
change the specifications, Peregrine will notify customers of the intended changes by issuing a CNF (Customer
Notification Form).
The information in this datasheet is believed to be reliable. However, Peregrine assumes no liability for the use
of this information. Use shall be entirely at the user’s own risk.
No patent rights or licenses to any circuits described in this datasheet are implied or granted to any third party.
Peregrine’s products are not designed or intended for use in devices or systems intended for surgical implant,
or in other applications intended to support or sustain life, or in any application in which the failure of the
Peregrine product could create a situation in which personal injury or death might occur. Peregrine assumes no
liability for damages, including consequential or incidental damages, arising out of the use of its products in
such applications.
The Peregrine name, logo, UltraCMOS and UTSi are registered trademarks and HaRP, MultiSwitch and DuNE
are trademarks of Peregrine Semiconductor Corp. Peregrine products are protected under one or more of the
following U.S. Patents: http://patents.psemi.com
Sales Contact and Information
For Sales and contact information please visit www.psemi.com.
Table 6. Ordering Information
PE42424A-Z
PE42424 SPDT RF switch
Green 6-lead 1.5 x 1.5 mm DFN
3000 units/T&R
EK42424-01
PE42424 Evaluation kit
Evaluation kit
1/Box
Ordering Code
Description
Package
Shipping Method
Figure 17. Tape and Reel Specifications
Drawing not drawn to scale
Pocket hole diameter 0.6 ± 0.05 mm
Bumped die are oriented active side down
Maximum cavity angle 5o


Similar Part No. - PE42424A-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4242 PEREGRINE-PE4242 Datasheet
276Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4242 PEREGRINE-PE4242 Datasheet
278Kb / 9P
   SPDT UltraCMOS??RF Switch
logo
Pasternack Enterprises,...
PE4242 PASTERNACK-PE4242 Datasheet
300Kb / 2P
   C Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4242 PASTERNACK-PE4242 Datasheet
316Kb / 3P
   C Male Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor...
PE4242-EK PEREGRINE-PE4242-EK Datasheet
276Kb / 8P
   SPDT UltraCMOS??RF Switch
More results

Similar Description - PE42424A-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42423 PSEMI-PE42423 Datasheet
448Kb / 11P
   UltraCMOS SPDT RF Switch 100 MHz - 6 GHz
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
PE42420 PSEMI-PE42420 Datasheet
355Kb / 11P
   UltraCMOS SPDT RF Switch 100 ??6000 MHz
PE42822 PSEMI-PE42822 Datasheet
460Kb / 21P
   UltraCMOS SPDT RF Switch, 700 MHz-3.8 GHz
PE42421 PSEMI-PE42421 Datasheet
325Kb / 9P
   SPDT UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE42524 PSEMI-PE42524 Datasheet
347Kb / 16P
   UltraCMOS SPDT RF Switch, 10 MHz-40 GHz
PE4259 PSEMI-PE4259 Datasheet
479Kb / 9P
   SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE4259 PSEMI-PE4259 Datasheet
651Kb / 9P
   SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com