Electronic Components Datasheet Search |
|
MQF92-16-0600-01 Datasheet(PDF) 1 Page - Vectron International, Inc |
|
MQF92-16-0600-01 Datasheet(HTML) 1 Page - Vectron International, Inc |
|
1 / 1 page 03 August 2007 Specification for monolithic crystal filter: M Q F 9 2 . 1 6 – 0 6 0 0 / 0 1 1. General 1.1. Package: 1.2. Type name: MQF 92.16-0600/01 1.3. Number of poles: 2 1.4. Operating temperature range: -25°C to +80°C 1.5. Storage temperature range: -55°C to +125°C 2. Electric values 2.1. Nominal centre frequency fo: 92.16 MHz 2.2. Pass band 2.2.1. Bandwidth between 3 dB - frequencies: > 3.0 kHz 2.2.2. Ripple: < 1.0 dB at fo 1.5 kHz 2.2.3. Insertion loss: < 3.0 dB ( measured on smallest attenuation in pass band ) 2.3. Stop band 2.3.1. fo 30 kHz > 30 dB 2.3.2. Alternate attenuation: > 30 dB (expect spurious) 2.4. Terminating impedance ( input and output ): 2000 // 0.4 pF 2.5. Nominal input power level -10 dBm 2.5.2 Maximum input power level + 5 dBm 3. Marking: M92A1 date code 4. Environment conditions: according to Vectron CF001 5. ESD class: JESD A 114B for HBM class 1C 6. Humidity class: MSL 1 ____________________________________________________________________________________ Edited by: date: _______________________________ name: _____________________________ |
Similar Part No. - MQF92-16-0600-01 |
|
Similar Description - MQF92-16-0600-01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |