Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42543A-X Datasheet(PDF) 4 Page - Peregrine Semiconductor

Part # PE42543A-X
Description  UltraCMOS SP4T RF Switch 9 kHz-18 GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42543A-X Datasheet(HTML) 4 Page - Peregrine Semiconductor

  PE42543A-X Datasheet HTML 1Page - Peregrine Semiconductor PE42543A-X Datasheet HTML 2Page - Peregrine Semiconductor PE42543A-X Datasheet HTML 3Page - Peregrine Semiconductor PE42543A-X Datasheet HTML 4Page - Peregrine Semiconductor PE42543A-X Datasheet HTML 5Page - Peregrine Semiconductor PE42543A-X Datasheet HTML 6Page - Peregrine Semiconductor PE42543A-X Datasheet HTML 7Page - Peregrine Semiconductor PE42543A-X Datasheet HTML 8Page - Peregrine Semiconductor PE42543A-X Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Product Specification
PE42543
Page 4 of 14
Document No. DOC-12314-2
│ UltraCMOS® RFIC Solutions
©2013-2014 Peregrine Semiconductor Corp. All rights reserved.
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be
restricted to the limits in the Operating Ranges
table. Operation between operating range
maximum and absolute maximum for extended
periods may reduce reliability.
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS
devices are immune to latch-up.
Switching Frequency
The PE42543 has a maximum 25 kHz switching
rate when the internal negative voltage generator
is used (pin 29 = GND). Switching frequency
describes the time duration between switching
events. Switching time is the duration between
the point the control signal reaches 50% of the
final value and the point the output signal reaches
within 10% or 90% of its target value.
Table 5. Truth Table
State
V1
V2
RF1 on
0
0
RF2 on
1
0
RF3 on
0
1
RF4 on
1
1
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the
PE42543 in the 29-lead 4
4 mm LGA package is
MSL3.
Optional External VSS Control (VSS_EXT)
For proper operation, the VSS_EXT control pin must
be grounded or tied to the VSS voltage specified in
Table 3. When the VSS_EXT control pin is
grounded, FETs in the switch are biased with an
internal negative voltage generator. For
applications that require the lowest possible spur
performance, VSS_EXT can be applied externally to
bypass the internal negative voltage generator.
Table 4. Absolute Maximum Ratings
Parameter/Condition
Symbol
Min
Max
Unit
Supply voltage
VDD
–0.3
5.5
V
Digital input voltage (V1, V2)
VCTRL
–0.3
3.6
V
RF input power, CW
(RFC–RFX)
1
9 kHz–27.5 MHz
≥27.5 MHz–18 GHz
PMAX,ABS
Fig. 4
33
dBm
dBm
Storage temperature range
TST
–65
+150
°C
ESD voltage HBM,
3 all pins
VESD,HBM
2500
V
ESD voltage MM
4, all pins
VESD,MM
150
V
ESD voltage CDM
5, all pins
VESD,CDM
250
V
RF input power, pulsed
(RFC–RFX)
2
9 kHz–27.5 MHz
≥27.5 MHz–18 GHz
PMAX,PULSED
Fig. 4
34
dBm
dBm
RF input power into
terminated ports, CW (RFX)
1
9 kHz–18.8 MHz
≥18.8 MHz–18 GHz
PMAX,TERM
Fig. 4
22
dBm
dBm
Notes:
1. 100% duty cycle, all bands, 50
2. Pulsed, 5% duty cycle of 4620 µs period, 50
3. Human Body Model (MIL_STD 883 Method 3015)
4. Machine Model (JEDEC JESD22-A115)
5. Charged Device Model (JEDEC JESD22-C101)
Spurious Performance
The typical spurious performance of the PE42543
is –150 dBm when VSS_EXT = 0V (pin 29 = GND). If
further improvement is desired, the internal
negative voltage generator can be disabled by
setting VSS_EXT = –3.4V.
Hot-Switching Capability
The maximum hot switching capability of the
PE42543 is 20 dBm from 18.8 MHz to 18 GHz.
The maximum hot switching capability below
18.8 MHz does not exceed the maximum RF CW
terminated power, see Figure 4. Hot switching
occurs when RF power is applied while switching
between RF ports.


Similar Part No. - PE42543A-X

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4254 PASTERNACK-PE4254 Datasheet
217Kb / 2P
   75 Ohm SMC Jack Connector Crimp-Solder Attachment For RG179, RG187
PE4254 PASTERNACK-PE4254 Datasheet
316Kb / 3P
   75 Ohm SMC Jack Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor...
PE42540 PEREGRINE-PE42540 Datasheet
548Kb / 12P
   UltraCMOS SP4T RF Switch
logo
Peregrine Semiconductor
PE42540 PSEMI-PE42540 Datasheet
520Kb / 12P
   UltraCMOS SP4T RF Switch
logo
Peregrine Semiconductor...
PE42540 PEREGRINE-PE42540 Datasheet
520Kb / 12P
   UltraCMOS
More results

Similar Description - PE42543A-X

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42542 PSEMI-PE42542 Datasheet
668Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42546 PSEMI-PE42546 Datasheet
352Kb / 17P
   UltraCMOS® SP4T RF Switch, 9 kHz–52 GHz
05/2023
PE42545 PSEMI-PE42545 Datasheet
315Kb / 16P
   UltraCMOS® SP4T RF Switch, 9 kHz–67 GHz
07/2023
PE42553 PSEMI-PE42553 Datasheet
3Mb / 19P
   UltraCMOS SPDT RF Switch, 9 kHz-8 GHz
PE42520 PSEMI-PE42520 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
   UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
PE42521 PSEMI-PE42521 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
logo
Teledyne Technologies I...
TDSW0602T TELEDYNE-TDSW0602T Datasheet
822Kb / 12P
   UltraCMOS® SPDT RF Switch, 9 kHz–60 GHz
Rev - 08/2019
logo
Peregrine Semiconductor
PE42440 PSEMI-PE42440 Datasheet
497Kb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42641 PEREGRINE-PE42641 Datasheet
306Kb / 9P
   SP4T UltraCMOS RF Switch DC - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com