Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLG2-050F811 Datasheet(PDF) 2 Page - SICK AG

Part # HLG2-050F811
Description  2D LASER SCANNERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

HLG2-050F811 Datasheet(HTML) 2 Page - SICK AG

  HLG2-050F811 Datasheet HTML 1Page - SICK AG HLG2-050F811 Datasheet HTML 2Page - SICK AG HLG2-050F811 Datasheet HTML 3Page - SICK AG HLG2-050F811 Datasheet HTML 4Page - SICK AG HLG2-050F811 Datasheet HTML 5Page - SICK AG HLG2-050F811 Datasheet HTML 6Page - SICK AG HLG2-050F811 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
HLG2-050F811 | HLG
SWITCHING AUTOMATION LIGHT GRIDS
2
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-03-09 17:40:10
Subject to change without notice
Ordering information
Type
Part no.
HLG2-050F811
1029853
Other models and accessories
www.sick.de/HLG
Detailed technical data
Features
Technology
Sender/receiver
Minimum detectable object (MDO)
Parallel beam, 2 mm
Beam separation
2 mm
Number of beams
≥ 26
Detection height
50 mm
Performance
Maximum range
2 m
Minimum range
≥ 0 mm
Working range
1.5 m
Response time
Parallel beam ≥ 3 ms 1)
1) With resistive load.
Interfaces
Switching output
2 x PNP (Q and /Q)
Connection type
Male connector M12, 8-pin
Mechanics/electronics
Wave length
950 nm
Supply voltage Vs
DC 15 V ... 30 V 1)
Power consumption sender
< 100 mA 1)
Power consumption receiver
> 100 mA 1)
Ripple
< 5 Vpp
Output current Imax.
≤ 100 mA
Output load capacitive
100 nF
Output load inductive
1 H
1) Typical value.
2) Q = active, if at least one beam is interrupted, /Q = active, if all of the beams are free.


Similar Part No. - HLG2-050F811

ManufacturerPart #DatasheetDescription
logo
SICK AG
HLG2-050E811 SICK-HLG2-050E811 Datasheet
910Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS Sender/receiver
More results

Similar Description - HLG2-050F811

ManufacturerPart #DatasheetDescription
logo
SICK AG
LMC124-11000 SICK-LMC124-11000 Datasheet
344Kb / 5P
   2D LASER SCANNERS
LMS151-10100 SICK-LMS151-10100 Datasheet
1Mb / 6P
   2D LASER SCANNERS
TIM510-9950000S01 SICK-TIM510-9950000S01 Datasheet
550Kb / 6P
   2D LASER SCANNERS
LD-LRS3601 SICK-LD-LRS3601 Datasheet
596Kb / 5P
   2D LASER SCANNERS
LMS131-10100 SICK-LMS131-10100 Datasheet
1Mb / 6P
   2D LASER SCANNERS
LMS531-10100 SICK-LMS531-10100 Datasheet
692Kb / 5P
   2D LASER SCANNERS
NAV350-3232 SICK-NAV350-3232 Datasheet
914Kb / 6P
   2D LASER SCANNERS
LMS500-21000 SICK-LMS500-21000 Datasheet
575Kb / 5P
   2D LASER SCANNERS
LMS511-20100 SICK-LMS511-20100 Datasheet
923Kb / 6P
   2D LASER SCANNERS
TIM310-1030000 SICK-TIM310-1030000 Datasheet
772Kb / 6P
   2D LASER SCANNERS
TIM320-1131000 SICK-TIM320-1131000 Datasheet
593Kb / 6P
   2D LASER SCANNERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com