Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42553A-Z Datasheet(PDF) 7 Page - Peregrine Semiconductor

Part # PE42553A-Z
Description  UltraCMOS SPDT RF Switch, 9 kHz-8 GHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42553A-Z Datasheet(HTML) 7 Page - Peregrine Semiconductor

Back Button PE42553A-Z Datasheet HTML 3Page - Peregrine Semiconductor PE42553A-Z Datasheet HTML 4Page - Peregrine Semiconductor PE42553A-Z Datasheet HTML 5Page - Peregrine Semiconductor PE42553A-Z Datasheet HTML 6Page - Peregrine Semiconductor PE42553A-Z Datasheet HTML 7Page - Peregrine Semiconductor PE42553A-Z Datasheet HTML 8Page - Peregrine Semiconductor PE42553A-Z Datasheet HTML 9Page - Peregrine Semiconductor PE42553A-Z Datasheet HTML 10Page - Peregrine Semiconductor PE42553A-Z Datasheet HTML 11Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
PE42553
UltraCMOS® SPDT RF Switch
DOC-62463-2 – (11/2014)
Page 7
www.psemi.com
Figure 4 • Power De-rating Curve for 10 MHz–8 GHz @ 25 °C Ambient (50Ω)(*)
Note: * Normal mode at 2.3V ≥ VDD ≥ 5.5V and VSS_EXT = 0V, Bypass mode at VDD = 3.4V and VSS_EXT = –3.4V.
Figure 5 • Power De-rating Curve for 10 MHz–8 GHz @ 85 °C Ambient (50Ω)(*)
Note: * Normal mode at 2.3V ≥ VDD ≥ 5.5V and VSS_EXT = 0V, Bypass mode at VDD = 3.4V and VSS_EXT = –3.4V.
34.5
35
35.5
36
36.5
37
37.5
38
38.5
39
39.5
40
40.5
41
41.5
012345678
Frequency (GHz)
P0.1dB Compression / Abs. Max. RF Input Power, Pulsed @ 25°C Ambient
Max. RF Input Power, Pulsed @ 25°C Ambient
Max. RF Input Power, CW @ 25°C Ambient
34.5
35
35.5
36
36.5
37
37.5
38
38.5
39
39.5
40
40.5
41
012345678
Frequency (GHz)
P0.1dB Compression / Abs. Max. RF Input Power, Pulsed @ 85°C Ambient
Max. RF Input Power, Pulsed @ 85°C Ambient
Max. RF Input Power, CW @ 85°C Ambient


Similar Part No. - PE42553A-Z

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4255 PASTERNACK-PE4255 Datasheet
226Kb / 3P
   75 Ohm SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG179, RG187, .285 inch D Hole
logo
Peregrine Semiconductor...
PE42551 PEREGRINE-PE42551 Datasheet
819Kb / 9P
   SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor
PE42551 PSEMI-PE42551 Datasheet
819Kb / 9P
   SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42551 PEREGRINE-PE42551 Datasheet
819Kb / 9P
   SPDT UltraCMOS
PE42551 PEREGRINE-PE42551_15 Datasheet
819Kb / 9P
   RF Switch
More results

Similar Description - PE42553A-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42520 PSEMI-PE42520 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
   UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
PE42521 PSEMI-PE42521 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
logo
Teledyne Technologies I...
TDSW0602T TELEDYNE-TDSW0602T Datasheet
822Kb / 12P
   UltraCMOS® SPDT RF Switch, 9 kHz–60 GHz
Rev - 08/2019
logo
Peregrine Semiconductor
PE42542 PSEMI-PE42542 Datasheet
668Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42525 PSEMI-PE42525 Datasheet
274Kb / 13P
   SPDT RF Switch, 9 kHz??0 GHz
PE42546 PSEMI-PE42546 Datasheet
352Kb / 17P
   UltraCMOS® SP4T RF Switch, 9 kHz–52 GHz
05/2023
PE42545 PSEMI-PE42545 Datasheet
315Kb / 16P
   UltraCMOS® SP4T RF Switch, 9 kHz–67 GHz
07/2023
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com